Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP1 Datasheet(PDF) 1 Page - Copal Electronics

Part # DP1
Description  Directing Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP1 Datasheet(HTML) 1 Page - Copal Electronics

  DP1 Datasheet HTML 1Page - Copal Electronics DP1 Datasheet HTML 2Page - Copal Electronics DP1 Datasheet HTML 3Page - Copal Electronics DP1 Datasheet HTML 4Page - Copal Electronics DP1 Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DP1
・2・3
Directing Switches
RoHS Compliant
■ SpeciÄcations
Rating
Max.
50mA 24VDC
Min.
0.5mA 20mVDC
(Silver plated contacts)
10
μA 20mVDC(Gold plated contacts)
Initial Contact Resistance 20m
Ω max.(1.5mA 200μVAC)
Dielectric Strength
250VAC 1 minute
(Except between terminals of LED)
Insulation Resistance
100M
Ωmin.
(250VDC)
Electrical Life
200,000 operations
Travel
DP1,DP3 : 0.8
±0.3mm
DP2 : 1
±0.3mm
Operating Force
0.93
±0.29N
Operating
Temperature Range −25∼+75℃
Storage
Temperature Range −25∼+85℃
■ Features
1. PC Board Mount
Direct mounting to PC board. The terminal pin layout is in
inch pitch.
2. High Contact Reliability
Self-cleaning, twin contact mechanism provides high
contact reliability.
3. Light Tactile Feel
Metal contacts provides light tactile feel.
4. Designed For High Density Mounting
The height to the top of the cap from the PCB surface is
as low as 11 to 11.5 mm, and the case proÄle is designed
to allow side-by-side mounting.
5. Wide Variations
The cap style, color, and LED color are available in many
variations. A clear cap is available for DP1 and DP3 to
insert a label or letter printing inside. (Recommended
label size and thickness: 7 x 7 mm and 0.3 mm for DP1-
100 and DP3; and 10 x 10 mm and 0.3 mm for DP1-120)
●Twin contacts
●Self cleaning mechanism
When the switch is activated, movable contacts slide in
the direction of the arrow to clean the contact points.


Similar Part No. - DP1

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
DP1 GRAYHILL-DP1 Datasheet
871Kb / 6P
Miniature Toggle Switches
logo
Japan Aviation Electron...
DP1 JAE-DP1 Datasheet
918Kb / 12P
DisplayPortTM Standard Digital Interface Connector
logo
Multicomp Pro
DP1 MULTICOMP-DP1 Datasheet
129Kb / 1P
Terminal Block 2.5㎟
05/06/20 V1.0
logo
List of Unclassifed Man...
DP10 ETC2-DP10 Datasheet
166Kb / 1P
Use recommendations for machines
logo
AUK corp
DP100 AUK-DP100 Datasheet
83Kb / 3P
PNP Silicon Transistor
More results

Similar Description - DP1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KM211 ETC-KM211 Datasheet
48Kb / 2P
Threshold switches
logo
Elektron Components Ltd...
MP0025 BULGIN-MP0025 Datasheet
1Mb / 24P
Switches
logo
E-SWITCH
KO103C-701 E-SWITCH-KO103C-701 Datasheet
69Kb / 1P
KEYLOCK SWITCHES
KO103D-701 E-SWITCH-KO103D-701 Datasheet
33Kb / 1P
KEYLOCK SWITCHES
logo
Honeywell Accelerometer...
BZ-2RQ-A2 HONEYWELL-ACC-BZ-2RQ-A2 Datasheet
515Kb / 9P
Manual Switches Sealed Toggle Switches
BZ-2RW822244-A2 HONEYWELL-ACC-BZ-2RW822244-A2 Datasheet
520Kb / 9P
Manual Switches Sealed Toggle Switches
CSNX25 HONEYWELL-ACC-CSNX25 Datasheet
515Kb / 9P
Manual Switches Sealed Toggle Switches
HIH-4010-001 HONEYWELL-ACC-HIH-4010-001 Datasheet
515Kb / 9P
Manual Switches Sealed Toggle Switches
HPX030GD HONEYWELL-ACC-HPX030GD Datasheet
515Kb / 9P
Manual Switches Sealed Toggle Switches
logo
Honeywell Solid State E...
AML53-T20BB HONEYWELL-AML53-T20BB Datasheet
553Kb / 4P
Manual Switches Covers for Paddle Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com