Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP1 Datasheet(PDF) 2 Page - Copal Electronics

Part # DP1
Description  Directing Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP1 Datasheet(HTML) 2 Page - Copal Electronics

  DP1 Datasheet HTML 1Page - Copal Electronics DP1 Datasheet HTML 2Page - Copal Electronics DP1 Datasheet HTML 3Page - Copal Electronics DP1 Datasheet HTML 4Page - Copal Electronics DP1 Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DP1
∼3
■Structure
123
■Cap Shape
Fig.
Cap shape
0
Standard
1DP2 Wide cap
2DP1 Wide cap
■Cap Color
Code
CG
B
O
Color
Clear
Gray
Blue
Orange
Code
RK
Y
W
Color
Red
Black
Yellow
White
DP
2
− 1
0
1
B
−
R
L2
− Z
Series
Code
Number
of Poles
Cap
Shape
Contact
Plating
Number
of LED
Silver Plated
GoldPlated
None
Code
ContactPlating
Structure
Cap Color
LED Color
B
■LED SpeciÄcations
Color
Code
IF
VF
VR
nom.
max.
Red
L2
20mA
2.1V
2.8V
DC4V
Green
L5
25mA
2.1V
2.8V
DC4V
Yellow
L8
25mA
2.1V
2.8V
DC4V
Red & Red
L22
20mA
2.1V
2.8V
DC4V
Red & Green
L25
Red 20mA
Green 25mA
2.1V
2.8V
DC4V
■Part Numbering
Part No.
Switching function
 DP1−100−Z
☆DP1−100B−Z
 DP1−120−Z
★DP1−120B−Z
OFF
(ON)
Connecting terminals
̶
1
− 2
DP1
SPST
Without LED
(Non-illuminated)
4
5
6.5
3.7
C0.5
(0.8)
Stroke
(2)
(1)
Epoxy seal
2
FUJISOKU
1
4-0.7
5.08
□12.4±0.2
5
6.5
3.7
Stroke
4
(0.8)
(2)
(1)
2
1
4-0.7
5.08
□12.4±0.2
Epoxy seal
FUJISOKU
☆:Semi-standard products.
★:Made to order products.
(ON)
:Momentary



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com