Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP1 Datasheet(PDF) 4 Page - Copal Electronics

Part # DP1
Description  Directing Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP1 Datasheet(HTML) 4 Page - Copal Electronics

  DP1 Datasheet HTML 1Page - Copal Electronics DP1 Datasheet HTML 2Page - Copal Electronics DP1 Datasheet HTML 3Page - Copal Electronics DP1 Datasheet HTML 4Page - Copal Electronics DP1 Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DP1
∼3
■PCB Footprints & Mounting
Part
No.
DP1
−100−ZDP1−120−Z
DP2
−100−Z
DP2
−101−Z
DP2
−102−Z
DP2
−110−Z
DP2
−111−Z
DP3
−101−Z
:panel cut-out dimensions
Reference
Reference
Reference
Reference
4-φ1
+0.1
0
(2)
(1)
10.2
7.6
Cap
4-φ1
+0.1
0
(2)
(1)
13.2
7.6
1.5
Cap
2-φ1
(2)
(1)
7.6
1.5
18.2
5.1
2.5
5
Cap
4-φ1
(2)
(1)
7.6
1.5
18.2
5.1
2.5
2-φ1
(2)
(1)
7.6
1.5
5.1
2.5
18.2
2-φ1
(2)
(1)
7.6
1.5
5.1
2.5
5
19.8
Cap
Case:Black
■Precautions
E ective operating range
To operate DP1
−120−Z,depress the center of the cap.
LED circuit
Current to be applied to the LED must be lower than the forward current (IF) indicated in
the LED Specifications of each switches. Resistance value R should be calculated using the
following formula.
■Notes Upon Ordering
DCaps for DP1 and DP3 are standard accessories.
Please designate a cap upon ordering the switch.
Clear cap is not available for DP2.
■Standard Accessories
《Supplied with switch》
Part Name
Cap
Type
DP1
−100−Z
DP3
−101−Z
DP1
−120−Z
Dimensions
Materials : Polycarbonate resin
Color code
Clear
140000470157
140000470188
C
White
140000470184
140000470217
W
Red
140000470158
140000470189
R
Black
140000470166
140000470216
K
Gray
140000470159
140000470190
G
Blue
140000470160
140000470191
B
Orange
140000470161
140000470192
O
Yellow
140000470186
140000470118
Y
Use VF=2.1V to calculate.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com