Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP7113 Datasheet(PDF) 7 Page - Copal Electronics

Part # DP7113
Description  100-Tap Digital Potentiometer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7113 Datasheet(HTML) 7 Page - Copal Electronics

Back Button DP7113 Datasheet HTML 3Page - Copal Electronics DP7113 Datasheet HTML 4Page - Copal Electronics DP7113 Datasheet HTML 5Page - Copal Electronics DP7113 Datasheet HTML 6Page - Copal Electronics DP7113 Datasheet HTML 7Page - Copal Electronics DP7113 Datasheet HTML 8Page - Copal Electronics DP7113 Datasheet HTML 9Page - Copal Electronics DP7113 Datasheet HTML 10Page - Copal Electronics DP7113 Datasheet HTML 11Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DP7113
7
Applications Information
(a) resistive divider
(b) variable resistance
(c) two port
Figure 5. Potentiometer Configuration
Applications
Figure 6. Programmable Instrumentation
Amplifier
+5 V
+2.5 V
2
8
3
2
6
5
7
9
4
10
11
8
1
1
7
4
+
–
+
–
+
–
+5 V
DP7113/7114
DP
Figure 7. Programmable Sq. Wave Oscillator (555)
Figure 8. Sensor Auto Referencing Circuit
+5 V
5 V
4
11
1
499 k
IC1B
IC1A
20 k
499 k
2
3
6
5
499 k
499 k
10 k
0.01 F
OSC
IC3A
1/4 74HC132
+
–
2
8
1
7
7
4
+5 V +200 mV
DP7111/7112
IC2
DP
+
–
+5 V
0.01 F
0.01 F
0.003 F
C
5
3
6
7
8
4
1
2
65
3
2
8
1
7
4
+5 V
DP
555
R2
R2
R1
R3
R4
R4
V1 ( )
V2 (+)
VO
A3
A1 =A2 =A3 = 1/4 LM6064
R2 =R3 =R4 =5k
RPOT =10k
RB
R2
RA
R1
pRPOT
(1 p)RPOT
CS
VSENSOR =1V
50 mV
VOUT =1V
1 mV
VREF =1V
VCORR
R3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com