Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP7113 Datasheet(PDF) 1 Page - Copal Electronics

Part # DP7113
Description  100-Tap Digital Potentiometer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7113 Datasheet(HTML) 1 Page - Copal Electronics

  DP7113 Datasheet HTML 1Page - Copal Electronics DP7113 Datasheet HTML 2Page - Copal Electronics DP7113 Datasheet HTML 3Page - Copal Electronics DP7113 Datasheet HTML 4Page - Copal Electronics DP7113 Datasheet HTML 5Page - Copal Electronics DP7113 Datasheet HTML 6Page - Copal Electronics DP7113 Datasheet HTML 7Page - Copal Electronics DP7113 Datasheet HTML 8Page - Copal Electronics DP7113 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
NIDEC COPAL ELECTRONICS CORP.
August, 2010
Rev. 24
1
Publication Order Number:
DP7113/D
DP7113
100-Tap Digital Potentiometer (DP)
Description
The
DP7113
is
a
single
digital
potentiometer
(DP)
designed
as
an
electronic
replacement
for
mechanical
potentiometers. Ideal for automated adjustments on high volume
production lines, they are also well suited for applications where
equipment requiring periodic adjustment is either difficult to access or
located in a hazardous or remote environment.
The DP7113 contains a
series resistor array connected
between two terminals RH and RL. An up/down counter and decoder
that are controlled by three input pins, determines which tap is
connected to the wiper, RW. The wiper setting, stored in nonvolatile
memory, is not lost when the device is powered down and is
automatically reinstated when power is returned. The wiper can be
adjusted to test new system values without affecting the stored setting.
Wiper control of the DP7113 is accomplished with three input
control pins, CS, U/D, and INC. The INC input increments the wiper
in the direction which is determined by the logic state of the U/D input.
The CS input is used to select the device and also store the wiper
position prior to power down.
The digital potentiometer can be used as a three-terminal
resistive divider or as a two-terminal variable resistor.
Features
100 position Linear Taper Potentiometer
Non volatile EEPROM Wiper Storage
10 nA Ultra low Standby Current
Single Supply Operation: 2.5 V
6.0 V
Increment Up/Down Serial Interface
Resistance Values: 1 k ,10k ,50k
and 100 k
Available in SOIC, TSSOP and MSOP Packages
These Devices are Pb Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
Automated Product Calibration
Remote Control Adjustments
Offset, Gain and Zero Control
Tamper proof Calibrations
Contrast, Brightness and Volume Controls
Motor Controls and Feedback Systems
Programmable Analog Functions
PIN CONFIGURATIONS
RH
RW
RL
U/D
INC
VCC
CS
1
See detailed ordering and shipping information in the package
dimensions section on page 13 of this data sheet.
ORDERING INFORMATION
SOIC 8
MSOP 8
GND
SOIC (V),
MSOP (Z)
TSSOP 8
Increment Control
INC
Up/Down Control
U/D
Potentiometer High Terminal
RH
Ground
GND
Wiper Terminal
RW
Potentiometer Low Terminal
RL
Function
Pin Name
PIN FUNCTION
Chip Select
CS
Supply Voltage
VCC
TSSOP (Y)
(Top Views)
GND
RH
U/D
INC
RW
CS
VCC
RL
1


Similar Part No. - DP7113

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
DP7110 COPAL-DP7110 Datasheet
146Kb / 12P
32-Tap Digital Potentiometers
DP7111 COPAL-DP7111 Datasheet
184Kb / 12P
100-Tap Digital Potentiometer
DP7112 COPAL-DP7112 Datasheet
145Kb / 10P
32-Tap Digital Potentiometer
DP7114 COPAL-DP7114 Datasheet
189Kb / 14P
32-Tap Digital Potentiometer
DP7115 COPAL-DP7115 Datasheet
178Kb / 12P
32-Tap Digital Potentiometer
More results

Similar Description - DP7113

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5113 CATALYST-CAT5113 Datasheet
452Kb / 9P
100-Tap Digitally Programmable Potentiometer
logo
Winbond
WMS7201 WINBOND-WMS7201 Datasheet
318Kb / 29P
256-TAP NON-VOLATILE DIGITAL POTENTIOMETER
logo
ON Semiconductor
CAT5113LI-01-G ONSEMI-CAT5113LI-01-G Datasheet
222Kb / 13P
100-Tap Digitally Programmable Potentiometer
Doc. No. MD-2009 Rev. X
logo
Texas Instruments
TPL8002-25 TI-TPL8002-25 Datasheet
144Kb / 10P
TANDEM 64-TAP DIGITAL POTENTIOMETER
logo
ON Semiconductor
CAT5113VI-00 ONSEMI-CAT5113VI-00 Datasheet
204Kb / 13P
100-tap Digital Potentiometer (POT)
June, 2013 ??Rev. 26
logo
Texas Instruments
TPL8002-25 TI-TPL8002-25_15 Datasheet
496Kb / 13P
TANDEM 64-TAP DIGITAL POTENTIOMETER
logo
Copal Electronics
DP7111 COPAL-DP7111 Datasheet
184Kb / 12P
100-Tap Digital Potentiometer
DP7112 COPAL-DP7112 Datasheet
145Kb / 10P
32-Tap Digital Potentiometer
DP7114 COPAL-DP7114 Datasheet
189Kb / 14P
32-Tap Digital Potentiometer
DP7115 COPAL-DP7115 Datasheet
178Kb / 12P
32-Tap Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com