Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP7113 Datasheet(PDF) 8 Page - Copal Electronics

Part # DP7113
Description  100-Tap Digital Potentiometer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7113 Datasheet(HTML) 8 Page - Copal Electronics

Back Button DP7113 Datasheet HTML 4Page - Copal Electronics DP7113 Datasheet HTML 5Page - Copal Electronics DP7113 Datasheet HTML 6Page - Copal Electronics DP7113 Datasheet HTML 7Page - Copal Electronics DP7113 Datasheet HTML 8Page - Copal Electronics DP7113 Datasheet HTML 9Page - Copal Electronics DP7113 Datasheet HTML 10Page - Copal Electronics DP7113 Datasheet HTML 11Page - Copal Electronics DP7113 Datasheet HTML 12Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
DP7113
8
Figure 9. Programmable Voltage Regulator
0.1 F
1 F
6.8 F
11 k
100 k
1.23 V
2
8
1
7
4
5
3
6
+5 V
DP
2952
DP7113/7114
FB
SD
GND
Figure 10. Programmable I to V Converter
+2.5 V
+5 V
2
7
3
3
5
4
6
6
+
–
LT1097
+5 V
2
7
3
4
6
+
–
2
8
1
7
4
+5 V
DP7113/7114
DP
pR (1 p)R
330
330
1 M
10 k
+5 V
+5 V
+2.5 V
+5 V
IC3
DP7111/7112
CLO
IC1
393
AI
IC4
2
3
1
2
8
1
7
4
+5 V
OSC
IC2
74HC132
0.1 F
+
–
CHI
6
5
5
6
3
7
DP
Figure 11. Automatic Gain Control
+5 V
R3
R2
R1
0.001 F
0.001 F
1 F
2
7
3
4
6
+
–
2
8
1
7
4
+5 V
DP7113/7114
DP
+2.5 V
Figure 12. Programmable Bandpass Filter
Figure 13. Programmable Current Source/Sink
DP7111/7112
+5 V
+5 V
Serial
Bus
+2.5 V
+2.5 V
+5 V
2
4
7
5
6
311
1
+
–
R
+
–
2.5 k
R1
100 k
R1
100 k
R1
100 k
R1
100 k
VS
VOUT
VO (REG)
R1
R2
820
R3
10 k
VIN (UNREG)
SHUTDOWN
IS
A1
A2
VO
VO
0
VO
2.5 V
VUL
VLL
R1
R3
R2
10 k
VS
0
VS
2.5 V
10 k
C1
C2
VO
VS
10 k
100 k
A1
50 k
IS
A2
A1 =A2 = LMC6064A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com