Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP7172 Datasheet(PDF) 2 Page - Copal Electronics

Part # DP7172
Description  256-Position SPI
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7172 Datasheet(HTML) 2 Page - Copal Electronics

  DP7172 Datasheet HTML 1Page - Copal Electronics DP7172 Datasheet HTML 2Page - Copal Electronics DP7172 Datasheet HTML 3Page - Copal Electronics DP7172 Datasheet HTML 4Page - Copal Electronics DP7172 Datasheet HTML 5Page - Copal Electronics DP7172 Datasheet HTML 6Page - Copal Electronics DP7172 Datasheet HTML 7Page - Copal Electronics DP7172 Datasheet HTML 8Page - Copal Electronics DP7172 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DP7172
2
SPI
INTERFACE
WIPER
REGISTER
CLK
A
B
W
SDI
GND
Figure 1. Functional Block Diagram
VDD
CS
Table 1. ORDERING INFORMATION
Part Number
Resistance
Temperature Range
Package
Shipping
DP7172TBI 50-GT3
50 k
40 C to 85 C
SOT 23 8
(Pb Free)
3000/Tape & Reel
DP7172TBI 00-GT3
100 k
3000/Tape & Reel
Table 2. PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
Description
1
W
Resistor s Wiper Terminal.
2
VDD
Positive Power Supply.
3
GND
Digital Ground.
4
CLK
Serial Clock Input. Positive edge triggered.
5
SDI
Serial Data Input.
6
CS
Chip Select Input, Active Low. When CS returns high, data will be loaded into the DAC register.
7
B
Bottom Terminal of resistive element.
8
A
Top Terminal of resistive element.
Table 3. ABSOLUTE MAXIMUM RATINGS (Note 1)
Rating
Value
Unit
VDD to GND
0.3 to 6.5
V
VA, VB, VW to GND
VDD
IMAX
20
mA
Digital Inputs and Output Voltage to GND
0 to 6.5
V
Operating Temperature Range
40 to +85
C
Maximum Junction Temperature (TJMAX)
150
C
Storage Temperature
65 to +150
C
Lead Temperature (Soldering, 10 sec)
300
C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Maximum terminal current is bounded by the maximum current handling of the switches, maximum power dissipation of the package, and
maximum applied voltage across any two of the A, B, and W terminals at a given resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com