Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP7172 Datasheet(PDF) 3 Page - Copal Electronics

Part # DP7172
Description  256-Position SPI
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7172 Datasheet(HTML) 3 Page - Copal Electronics

  DP7172 Datasheet HTML 1Page - Copal Electronics DP7172 Datasheet HTML 2Page - Copal Electronics DP7172 Datasheet HTML 3Page - Copal Electronics DP7172 Datasheet HTML 4Page - Copal Electronics DP7172 Datasheet HTML 5Page - Copal Electronics DP7172 Datasheet HTML 6Page - Copal Electronics DP7172 Datasheet HTML 7Page - Copal Electronics DP7172 Datasheet HTML 8Page - Copal Electronics DP7172 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DP7172
3
Table 4. ELECTRICAL CHARACTERISTICS: 50 k
and 100 k
Versions
VDD =5V 10%, or 3 V 10%; VA =VDD; VB = 0 V; –40 C<TA < +85 C; unless otherwise noted.
Parameter
Test Conditions
Symbol
Min
Typ
(Note 2)
Max
Unit
DC CHARACTERISTICS — RHEOSTAT MODE
Resistor Differential Nonlinearity (Note 3)
RWB, VA = no connection
R DNL
1
0.1
+1
LSB
Resistor Integral Nonlinearity (Note 3)
RWB, VA = no connection
R INL
2
0.4
+2
LSB
Nominal Resistor Tolerance (Note 4)
TA =25 C
RAB
20
+20
%
Resistance Temperature Coefficient
VAB =VDD, Wiper = no connection
RAB/ T
100
ppm/ C
Wiper Resistance
VDD =5V
RW
50
120
VDD =3V
100
250
DC CHARACTERISTICS — POTENTIOMETER DIVIDER MODE
Resolution
N
8
Bits
Differential Nonlinearity (Note 5)
DNL
1
0.1
+1
LSB
Integral Nonlinearity (Note 5)
INL
1
0.4
+1
LSB
Voltage Divider Temperature Coefficient
Code = 0x80
VW/ T
100
ppm/ C
Full Scale Error
Code = 0xFF
VWFSE
3
1
0
LSB
Zero Scale Error
Code = 0x00
VWZSE
0
1
3
LSB
RESISTOR TERMINALS
Voltage Range (Note 6)
VA,B,W
GND
VDD
V
Capacitance (Note 7) A, B
f = 1 MHz, measured to GND,
Code = 0 x 80
CA,B
45
pF
Capacitance (Note 7) W
f = 1 MHz, measured to GND,
Code = 0 x 80
CW
60
pF
Common Mode Leakage (Note 7)
VA =VB =VDD/2
ICM
1
nA
DIGITAL INPUTS
Input Logic High
VDD =5V
VIH
0.7 x VDD
V
Input Logic Low
VDD =5V
VIL
0.3VDD
V
Input Logic High
VDD =3V
VIH
0.7 x VDD
V
Input Logic Low
VDD =3V
VIL
0.3VDD
V
Input Current
VIN =0Vor5V
IIL
1
A
Input Capacitance (Note 7)
CIL
5
pF
POWER SUPPLIES
Power Supply Range
VDD RANGE
2.7
5.5
V
Supply Current
VIH =5VorVIL =0V
IDD
0.3
2
A
Power Dissipation (Note 8)
VIH =5VorVIL =0V, VDD =5V
PDISS
0.2
mW
Power Supply Sensitivity
VDD =+5V 10%, Code = Midscale
PSS
0.05
%/%
2. Typical specifications represent average readings at +25 C and VDD =5V.
3. Resistor position nonlinearity error R INL is the deviation from an ideal value measured between the maximum resistance and the minim-
um resistance wiper positions. R DNL measures the relative step change from ideal between successive tap positions. Parts are guaran-
teed monotonic.
4. VAB =VDD, Wiper (VW) = no connect.
5. INL and DNL are measured at VW with the DP configured as a potentiometer divider similar to a voltage output D/A converter. VA = VDD
and VB = 0 V. DNL specification limits of 1 LSB maximum are guaranteed monotonic operating conditions.
6. Resistor terminals A, B, W have no limitations on polarity with respect to each other.
7. Guaranteed by design and not subject to production test.
8. PDISS is calculated from (IDD xVDD). CMOS logic level inputs result in minimum power dissipation.
9. All dynamic characteristics use VDD =5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com