Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP7172 Datasheet(PDF) 4 Page - Copal Electronics

Part # DP7172
Description  256-Position SPI
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7172 Datasheet(HTML) 4 Page - Copal Electronics

  DP7172 Datasheet HTML 1Page - Copal Electronics DP7172 Datasheet HTML 2Page - Copal Electronics DP7172 Datasheet HTML 3Page - Copal Electronics DP7172 Datasheet HTML 4Page - Copal Electronics DP7172 Datasheet HTML 5Page - Copal Electronics DP7172 Datasheet HTML 6Page - Copal Electronics DP7172 Datasheet HTML 7Page - Copal Electronics DP7172 Datasheet HTML 8Page - Copal Electronics DP7172 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DP7172
4
Table 4. ELECTRICAL CHARACTERISTICS: 50 k
and 100 k
Versions (continued)
VDD =5V 10%, or 3 V 10%; VA =VDD; VB = 0 V; –40 C<TA < +85 C; unless otherwise noted.
Parameter
Unit
Max
Typ
(Note 2)
Min
Symbol
Test Conditions
DYNAMIC CHARACTERISTICS (Notes 7 and 9)
Bandwidth –3 dB
RAB =50k / 100 k , Code = 0x80
BW
100/40
kHz
Total Harmonic Distortion
VA =1 V rms, VB =0V,
f = 1 kHz, RAB =10k
THDW
0.05
%
VW Settling Time (50 k /100 k )
VA =5V, VB =0V, 1 LSB error band
tS
2
s
2. Typical specifications represent average readings at +25 C and VDD =5V.
3. Resistor position nonlinearity error R INL is the deviation from an ideal value measured between the maximum resistance and the minim-
um resistance wiper positions. R DNL measures the relative step change from ideal between successive tap positions. Parts are guaran-
teed monotonic.
4. VAB =VDD, Wiper (VW) = no connect.
5. INL and DNL are measured at VW with the DP configured as a potentiometer divider similar to a voltage output D/A converter. VA = VDD
and VB = 0 V. DNL specification limits of 1 LSB maximum are guaranteed monotonic operating conditions.
6. Resistor terminals A, B, W have no limitations on polarity with respect to each other.
7. Guaranteed by design and not subject to production test.
8. PDISS is calculated from (IDD xVDD). CMOS logic level inputs result in minimum power dissipation.
9. All dynamic characteristics use VDD =5V.
Table 5. TIMING CHARACTERISTICS: 50 k
and 100 k
Versions
VDD =5V
10%, or 3 V
10%; VA =VDD; VB = 0 V; –40 C<TA < +85 C; unless otherwise noted.
Parameter
Test Conditions
Symbol
Min
Typ
(Note 10)
Max
Unit
SPI INTERFACE TIMING CHARACTERISTICS (Notes 11 and 12) (Specifications Apply to All Parts)
Clock Frequency
fCLK
25
MHz
Input Clock Pulse width
Clock level high or low
tCH, tCL
20
ns
Data Setup Time
tDS
5
ns
Data Hold Time
tDH
5
ns
CS Setup Time
TCSS
15
ns
CS High Pulse Width
TCSW
40
ns
CLK Fall to CS Fall Hold Time
TCSH0
0
ns
CLK Fall to CS Rise Hold Time
TCSH1
0
ns
CS Rise to Clock Rise Setup
TCS1
10
ns
10. Typical specifications represent average readings at +25 C and VDD =5V.
11. Guaranteed by design and not subject to production test.
12. See timing diagram for location of measured values. All input control voltages are specified with tR =tF = 2 ns (10% to 90% of 3 V) and timed
from a voltage level of 1.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com