Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CVS-01TB Datasheet(PDF) 2 Page - Copal Electronics

Part # CVS-01TB
Description  SLIDE SWITCHES (1 mm PITCH)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CVS-01TB Datasheet(HTML) 2 Page - Copal Electronics

  CVS-01TB Datasheet HTML 1Page - Copal Electronics CVS-01TB Datasheet HTML 2Page - Copal Electronics CVS-01TB Datasheet HTML 3Page - Copal Electronics CVS-01TB Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
■
STANDARD SPECIFICATIONS
Operating temp. range
Storage temp. range
Sealing
Net weight
− 40 ~ 85 °C
Non-washable
Approx. 0.028g (CVS-01B)
Approx. 0.031g (CVS-01C)
Approx. 0.041g (CVS-02B)
Approx. 0.054g (CVS-03B)
Approx. 0.067g (CVS-04B)
Approx. 0.13 g (CVS-08B)
Operating force
Stop strength
Solderability
Soldering heat
Shear (Adhesion)
Substrate bending
Pull-off strength
{ } : Reference only
3 N {0.306 kgf} maximum
6 N {0.61 kgf}, 60 s
245 ± 3 °C, 2 ~ 3 s
Reflow:255 °C (Peak temperature)
(Please refer to the profile below)
Manual soldering:350 ± 10 °C, 3 ~ 4 s
5 N {0.51 kgf} 10 s
Width 90 mm, bend 3 mm, 5 s, 1 time
5 N {0.51 kgf} 10 s
■
MECHANICAL CHARACTERISTICS
Contact rating
Non-switching
Switching
Minimum
Contact resistance
Insulation resistance
Dielectric strength
DC50 V 100 mA
DC6 V, 100 mA DC24 V, 25 mA
DC20 mV 1 μA
200 mΩ maximum
100 MΩ (DC100 V) minimum
AC250 V, 60 s
Vibration
Shock
Load life
Humidity
High temp. exposure
Low temp. exposure
Thermal shock
(Amplitude) 1.5 mm or
(Acceleration) 98 m/s2,
10-500 Hz, 3 directions for 10 cycles each
490 m/s2, 11 ms
6 directions for 3 times each
Continuous load 1000 cycles,
DC6 ± 0.5 V, 100 ± 10 mA
−10 ~ 65 °C,
Relative humidty 0 ~ 96 %,
24 h for 10 cycles
85 °C, 96 h
−40 °C, 96 h
−40 (0.5 h) ~ 85 °C (0.5 h), 5 cycles
■
ELECTRICAL CHARACTERISTICS
■
ENVIRONMENTAL CHARACTERISTICS
〈
Reflow profile for soldering heat evaluation〉
CVS
SLIDE SWITCHES (1 mm PITCH)
リフロー回数:2回 Reflow : two times maximum
Peak : 250
Over 230 C
Pre Heating Zone
180 C
(C)
250
200
150
100
50
150 C
90 30 s
30 10 s
Soldering Zone
Heating time
C
+5
0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com