Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CVS-01TB Datasheet(PDF) 3 Page - Copal Electronics

Part # CVS-01TB
Description  SLIDE SWITCHES (1 mm PITCH)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CVS-01TB Datasheet(HTML) 3 Page - Copal Electronics

  CVS-01TB Datasheet HTML 1Page - Copal Electronics CVS-01TB Datasheet HTML 2Page - Copal Electronics CVS-01TB Datasheet HTML 3Page - Copal Electronics CVS-01TB Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CVS
SLIDE SWITCHES (1 mm PITCH)
■
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance : ± 0.3 (Unit : mm)
■
RECOMMENDED P.C.B. PAD OUTLINE DIMENSIONS
(Unit : mm)
Production date code
2
0.15 +0.1
ミ0.05
0.5
Schematic
+0.1
ミ0.05
Production date code
2
1.2
0.5
Schematic
+0.1
ミ0.05
11
0.5
0.7
0.7
3.2
0
1
0.5
0.7
0.7
2.2
0
0.7
0.7
0.7
1.4
0
2 – 0.7 hole
φ
1N (N=1~7) = 7
0.5
0.7
0.7
8.2
0
●
CVS-01B
●
CVS-01C
Production date code
L
0.15 +0.1
–0.05
0.35
1 0.15
1 0.15
+0.1
–0.05
●
CVS- □□ B
●
CVS-01B
●
CVS-02B
●
CVS-03B
1N (N=1~3) = 3
0.5
0.7
0.7
4.2
0
●
CVS-04B
●
CVS-08B
●
CVS-01C
■
SIZE OF P.C.B. PROCESSING(Unit:mm)
Part number
CVS-02
CVS-03
CVS-04
Schematic
No. of bits.
2
3
4
L dimension
3
4
5
CVS-08
8
9



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com