Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CVS-01TB Datasheet(PDF) 4 Page - Copal Electronics

Part # CVS-01TB
Description  SLIDE SWITCHES (1 mm PITCH)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CVS-01TB Datasheet(HTML) 4 Page - Copal Electronics

  CVS-01TB Datasheet HTML 1Page - Copal Electronics CVS-01TB Datasheet HTML 2Page - Copal Electronics CVS-01TB Datasheet HTML 3Page - Copal Electronics CVS-01TB Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CVS
SLIDE SWITCHES (1 mm PITCH)
■
PACKAGING SPECIFICATIONS
<Taping packaging specifications>
●
Taping version is packaged in 2000 pcs. or 500 pcs. per
reel. Orders will be accepted for units of 2000 pcs., i.e.,
2000, 4000, 6000 pcs., etc. or for units of 500 pcs., i.e.,
500, 1000, 1500 pcs., etc.
●
Taping version is boxed with two reels.
Maximum number of consecutive missing pieces = 2
Leader length and reel dimension are shown in the
diagrams below:
●
Embossed tape dimensions
●
Reel dimensions
(Unit: mm)
(Conforms to JIS C 0806-3)
(In accordance with EIAJ ET-7200A)
40 mm min.
20 pitches min.
400 mm min.
Direction of feed
End
Head
Empty
Filled
Empty
21
±0.8
13
±0.2
2
±0.5
254
±2 (2000pcs./reel)
21.4
±1 (2000pcs./reel)
20.4
±1 (500pcs./reel)
17.4
±1
φ
φ
φ
182
±1 (500pcs./reel)
φ
<Bulk pack specifications>
●
The smallest unit of bulk pack in a plastic bag is
10 pcs.
per pack.
Orders will be accepted for unit of minimum
10 pcs., i.e.,
10, 20, 30 pcs., etc.
●
Boxing of bulk in a plastic bag is performed with
100
pcs. (standard
500 pcs.) per box.
1.5
φ
+0.1
0
8±0.1
4±0.1
2±0.1
(CVS-04B)
0.3±0.1
2
Installation example
Direction of feed
1
2
3
4
ON
1.5
φ
+0.1
0
8±0.1
4±0.1
2±0.1
(CVS-01B)
0.3±0.1
2
Installation
example
(CVS-01B)
Direction of feed
1.5
φ
+0.1
0
8±0.1
4±0.1
2±0.1
(CVS-02B)
0.3±0.1
2
Installation
example
(CVS-02B)
Direction of feed
1.5
φ
+0.1
0
8±0.1
4±0.1
2±0.1
(CVS-03B)
0.3±0.1
2
Installation
example
(CVS-03B)
Direction of feed
1.5
φ
+0.1
0
8±0.1
4±0.1
2±0.1
(CVS-08B)
0.3±0.1
2
Installation example
Direction of feed
1
2
3
4
5
6
7
8
ON
●
4 bits
●
8 bits
●
1 bit
●
2 bits
●
3 bits



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com