Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9832 Datasheet(PDF) 45 Page - Infineon Technologies AG

Part # TLE9832
Description  Microcontroller with LIN and Power Switches for Automotive Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9832 Datasheet(HTML) 45 Page - Infineon Technologies AG

Back Button TLE9832 Datasheet HTML 41Page - Infineon Technologies AG TLE9832 Datasheet HTML 42Page - Infineon Technologies AG TLE9832 Datasheet HTML 43Page - Infineon Technologies AG TLE9832 Datasheet HTML 44Page - Infineon Technologies AG TLE9832 Datasheet HTML 45Page - Infineon Technologies AG TLE9832 Datasheet HTML 46Page - Infineon Technologies AG TLE9832 Datasheet HTML 47Page - Infineon Technologies AG TLE9832 Datasheet HTML 48Page - Infineon Technologies AG TLE9832 Datasheet HTML 49Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 94 page
background image
TLE9832
Functional Description
Data Sheet
45
Rev. 1.1, 2012-03-08
Additional Specific Functions
•
Block commutation for brushless DC-drives implemented
•
Position detection via hall sensor pattern
•
Noise filter supported for position input signals
•
Automatic rotational speed measurement and commutation control for block commutation
•
Integrated error handling
•
Fast emergency stop without CPU load via external signal (CTRAP)
•
Control modes for multi-channel AC-drives
•
Output levels can be selected and adapted to the power stage
The Timer T12 can work in capture and/or compare mode for its three channels. The modes can also be combined
(e.g. a channel works in compare mode, whereas another channel works in capture mode). The Timer T13 can
work in compare mode only. The multi-channel control unit generates output patterns which can be modulated by
T12 and/or T13. The modulation sources can be selected and combined for the signal modulation.
Figure 22
CCU6 Block Diagram
CCU6 Module Kernel
CCU6_MCB05506+
Input / Output Control
Port Control
22
3
1
3
T13
CC63
Start
2
1
Compare
Multi-
channel
Control
Trap
Control
Dead-
Time
Control
CC60
CC61
Compare
1
1
1
T12
CC62
Clock
Control
Interrupt
Control
fCC6
SR[3:0]
Debug
Suspend
T13SUSP
T12 SUSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com