Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9832 Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE9832
Description  Microcontroller with LIN and Power Switches for Automotive Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9832 Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE9832 Datasheet HTML 9Page - Infineon Technologies AG TLE9832 Datasheet HTML 10Page - Infineon Technologies AG TLE9832 Datasheet HTML 11Page - Infineon Technologies AG TLE9832 Datasheet HTML 12Page - Infineon Technologies AG TLE9832 Datasheet HTML 13Page - Infineon Technologies AG TLE9832 Datasheet HTML 14Page - Infineon Technologies AG TLE9832 Datasheet HTML 15Page - Infineon Technologies AG TLE9832 Datasheet HTML 16Page - Infineon Technologies AG TLE9832 Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 94 page
background image
TLE9832
General Device Information
Data Sheet
13
Rev. 1.1, 2012-03-08
VAREF
34
I/O
O
5V ADC1 reference voltage
XTAL1
27
I
I
External oscillator input
XTAL2
28
O
Hi-Z
External oscillator output
TMS
18
I
I/PD
TMS
DAP1
test mode select input
Debug Access Port 1
RESET
21
I/O
I/O/PU
Reset input, not available during Sleep Mode
VBAT_SENSE 48
I
I
Battery supply voltage sense input
N.C.
10, 29, 40,
41, 46
–
–
Not connected - can be connected to GND
N.C.
4
–
–
Not connected - leave pin open
Table 3
Pin Definitions and Functions (cont’d)
Symbol
Pin Number Type
Reset
State
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com