Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE9832 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE9832
Description  Microcontroller with LIN and Power Switches for Automotive Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9832 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE9832 Datasheet HTML 17Page - Infineon Technologies AG TLE9832 Datasheet HTML 18Page - Infineon Technologies AG TLE9832 Datasheet HTML 19Page - Infineon Technologies AG TLE9832 Datasheet HTML 20Page - Infineon Technologies AG TLE9832 Datasheet HTML 21Page - Infineon Technologies AG TLE9832 Datasheet HTML 22Page - Infineon Technologies AG TLE9832 Datasheet HTML 23Page - Infineon Technologies AG TLE9832 Datasheet HTML 24Page - Infineon Technologies AG TLE9832 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 94 page
background image
TLE9832
Functional Description
Data Sheet
21
Rev. 1.1, 2012-03-08
Table 5
Description of PMU Submodules
Mod.
Name
Modules
Functions
Power Down
Supply
Independent Supply Voltage
Generation for PMU
This supply is only dedicated to the PMU to ensure a
independent operation of generated power supplies
(VDDP, VDDC).
LP_CLK
(= 20 MHz)
- Clock Source for all PMU
submodules
- Backup Clock Source for System
- Clock Source for WDT1
This ultra low power oscillator generates the clock for the
PMU.
This clock is also used as backup clock for the system in
case of PLL clock failure and as independent clock source
for WDT1
LP_CLK2
(= 100 kHz)
Clock Source for PMU
This ultra low power oscillator generates the clock for the
PMU mainly in Stop Mode and in the cyclic modes.
Peripherals
Peripheral blocks of PMU
This blocks includes all relevant peripherals to ensure a
stable and fail safe PMU startup and operation
Power Supply
Generation
Unit (PGU)
Voltage regulators for VDDP and
VDDC
This block includes the voltage regulators for the pad
supply (VDDP) and the core supply (VDDC) including all
diagnosis and safety features
VDDEXT (Hall
Sensor
Supply)
Voltage regulator for VDDEXT to
supply external modules (e.g. Hall
Sensors)
This voltage regulator is a dedicated supply for external
modules and can also be used for cyclic sense operations
(e.g. with hall sensor)
PMU-XSFR
All PMU relevant Extended Special
Function Registers
This module contains all PMU relevant registers, which
are needed to control and monitor the PMU.
PMU-PCU
Power Control Unit of the PMU
This block is responsible for controlling all power related
actions within the PGU Module.
PMU-WMU
Wake-up Management Unit of the
PMU
This block is responsible for controlling all wake-up related
actions within the PMU Module.
PMU-CYCMU Cyclic Management Unit of the PMU This block is responsible for controlling all actions within
cyclic mode.
PMU-CMU
Clock Management Unit of the PMU This block is responsible for controlling all clocking actions
within the PMU.
PMU-RMU
Reset Management Unit of the PMU This block is responsible for generating all system
required resets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com