Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP7269 Datasheet(PDF) 1 Page - Copal Electronics

Part # DP7269
Description  Dual Digital Potentiometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7269 Datasheet(HTML) 1 Page - Copal Electronics

  DP7269 Datasheet HTML 1Page - Copal Electronics DP7269 Datasheet HTML 2Page - Copal Electronics DP7269 Datasheet HTML 3Page - Copal Electronics DP7269 Datasheet HTML 4Page - Copal Electronics DP7269 Datasheet HTML 5Page - Copal Electronics DP7269 Datasheet HTML 6Page - Copal Electronics DP7269 Datasheet HTML 7Page - Copal Electronics DP7269 Datasheet HTML 8Page - Copal Electronics DP7269 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DP7269
© NIDEC COPAL ELECTRONICS CORP.
1
D
.
v
e
R
3
2
1
2
-
D
M
.
o
N
.
c
o
D
Characteristics subject to change without notice
Dual Digital Potentiometers
(DP) with 256 Taps and 2-wire Interface
FEATURES
Four linear taper digital potentiometers
256 resistor taps per potentiometer
End to end resistance 50k
or 100k
Potentiometer control and memory access via
2-wire interface (I
2C like)
Low wiper resistance, typically 100
Nonvolatile memory storage for up to four
wiper settings for each potentiometer
Automatic recall of saved wiper settings at
power up
2.5 to 6.0 volt operation
Standby current less than 1µA
1,000,000 nonvolatile WRITE cycles
100 year nonvolatile memory data retention
24-lead SOIC and TSSOP packages
Industrial temperature range
For Ordering Information details, see page 15.
PIN CONFIGURATION
SOIC (W)
TSSOP (Y)
NC
1
24 A3
A0
2
23 SCL
NC
3
22 NC
NC
4
21 NC
NC
5
20 NC
NC
6
19 NC
VCC
7
18 GND
RLO
817 RW1
RHO
916 RH1
RWO 10
15 RL1
A2 11
14 A1
WP
¯¯¯ 12
13 SDA
DESCRIPTION
The
DP7269
is
two
digital
potentiometers
(DPs) integrated with control logic and 18 bytes
of
NVRAM
memory.
Each
DP
consists
of
a
series of resistive elements connected between two
externally accessible end points. The tap points
between each resistive element are connected to the
wiper outputs with CMOS switches. A separate 8-bit
control register (WCR) independently controls the
wiper tap switches for each DP. Associated with
each wiper control register are four 8-bit non-volatile
memory data registers (DR) used for storing up to four
wiper settings. Writing to the wiper control register or
any of the non-volatile data registers is via a 2-wire
serial bus. On power-up, the contents of the first data
register (DR0) for each of the four potentiometers is
automatically loaded into its respective wiper control
registers.
The DP7269 can be used as a potentiometer or as a
two terminal, variable resistor. It is intended for circuit
level or system level adjustments in a wide variety of
applications. It is available in the -40ºC to 85ºC
industrial operating temperature ranges and offered in
a 24-lead SOIC and TSSOP package.
FUNCTIONAL DIAGRAM
RW0
RW1
RH0
A1
A2
A0
A3
RH1
RL0
RL1
NONVOLATILE
DATA
REGISTERS
WIPER
CONTROL
REGISTERS
CONTROL
LOGIC
2-WIRE BUS
INTERFACE
WP
SCL
SDA


Similar Part No. - DP7269

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
DP7261 COPAL-DP7261 Datasheet
165Kb / 15P
Dual Digital Potentiometers
More results

Similar Description - DP7269

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X95820 INTERSIL-X95820 Datasheet
1Mb / 12P
Dual Digital Controlled Potentiometers
September 26, 2005
X95820 INTERSIL-X95820_06 Datasheet
1Mb / 12P
Dual Digital Controlled Potentiometers
July 18, 2006
ISL96017 INTERSIL-ISL96017_12 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
logo
Analog Devices
AD8400 AD-AD8400_15 Datasheet
610Kb / 32P
Digital Potentiometers
Rev. E
AD8403 AD-AD8403_15 Datasheet
610Kb / 32P
Digital Potentiometers
Rev. E
logo
Copal Electronics
AN9 COPAL-AN9 Datasheet
114Kb / 7P
Digital Potentiometers
DN3 COPAL-DN3 Datasheet
72Kb / 2P
Digital Potentiometers
DP7261 COPAL-DP7261 Datasheet
165Kb / 15P
Dual Digital Potentiometers
DP7411 COPAL-DP7411 Datasheet
189Kb / 16P
Dual Digital Potentiometers
DP7419 COPAL-DP7419 Datasheet
180Kb / 16P
Dual Digital Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com