Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP7269 Datasheet(PDF) 2 Page - Copal Electronics

Part # DP7269
Description  Dual Digital Potentiometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7269 Datasheet(HTML) 2 Page - Copal Electronics

  DP7269 Datasheet HTML 1Page - Copal Electronics DP7269 Datasheet HTML 2Page - Copal Electronics DP7269 Datasheet HTML 3Page - Copal Electronics DP7269 Datasheet HTML 4Page - Copal Electronics DP7269 Datasheet HTML 5Page - Copal Electronics DP7269 Datasheet HTML 6Page - Copal Electronics DP7269 Datasheet HTML 7Page - Copal Electronics DP7269 Datasheet HTML 8Page - Copal Electronics DP7269 Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DP7269
Doc. No. MD-2123 Rev. D
2
NIDEC COPAL ELECTRONICS CORP.
©
Characteristics subject to change without notice
PIN DESCRIPTIONS
PIN DESCRIPTION
SCL: Serial Clock
The DP7269 serial clock input pin is used to
clock all data transfers into or out of the
device.
SDA: Serial Data
The DP7269 bidirectional serial data pin is
used to transfer data into and out of the
device. The SDA pin is an open drain output
and can be wire-Ored with the other open
drain or open collector I/Os.
A0, A1, A2, A3: Device Address Inputs
These inputs set the device address when
addressing multiple devices. A total of sixteen
devices can be addressed on a single bus. A
match in the slave address must be made with
the
address
input
in
order
to
initiate
communication with the DP7269.
RH, RL: Resistor End Points
The two sets of RH and RL pins are equivalent
to the terminal connections on a mechanical
potentiometer.
RW: Wiper
The RW pins are equivalent to the wiper
terminal of a mechanical potentiometer.
WP
¯¯¯: Write Protect Input
The WP
¯¯¯ pin when tied low prevents non-
volatile writes to the data register (change of
wiper control register is allowed) and when
tied high or left floating normal read/write
operations are allowed. See Write Protection
on page 7 for more details.
DEVICE OPERATION
The DP7269 is two resistor arrays integrated with a 2-wire serial interface, two 8-bit wiper control registers and
eight 8-bit, non-volatile memory data registers. Each resistor array contains 255 separate resistive elements
connected in series. The physical ends of each array are equivalent to the fixed terminals of a mechanical
potentiometer (RH and RL). The tap positions between and at the ends of the series resistors are connected to the
output wiper terminals (RW) by a CMOS transistor switch. Only one tap point for each potentiometer is connected
to its wiper terminal at a time and is determined by the value of the wiper control register. Data can be read or
written to the wiper control registers or the non-volatile memory data registers via the 2-wire bus. Additional
instructions allow data to be transferred between the wiper control registers and each respective potentiometer's
non-volatile data registers. Also, the device can be instructed to operate in an "increment/decrement" mode.
Pin #
Name
Function
1
NC
No Connect
2
A0
Device Address, LSB
3
NC
No Connect
4
NC
No Connect
5
NC
No Connect
6
NC
No Connect
7VCC
Supply Voltage
8RL0
Low Reference Terminal for Potentiometer 0
9RH0
High Reference Terminal for Potentiometer 0
10
RW0
Wiper Terminal for Potentiometer 0
11
A2
Device Address
12
WP
¯¯¯
Write Protection
13
SDA
Serial Data Input/Output
14
A1
Device Address
15
RL1
Low Reference Terminal for Potentiometer 1
16
RH1
High Reference Terminal for Potentiometer 1
17
RW1
Wiper Terminal for Potentiometer 1
18
GND
Ground
19
NC
No Connect
20
NC
No Connect
21
NC
No Connect
22
NC
No Connect
23
SCL
Bus Serial Clock
24
A3
Device Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com