Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP7269 Datasheet(PDF) 11 Page - Copal Electronics

Part # DP7269
Description  Dual Digital Potentiometers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

DP7269 Datasheet(HTML) 11 Page - Copal Electronics

Back Button DP7269 Datasheet HTML 7Page - Copal Electronics DP7269 Datasheet HTML 8Page - Copal Electronics DP7269 Datasheet HTML 9Page - Copal Electronics DP7269 Datasheet HTML 10Page - Copal Electronics DP7269 Datasheet HTML 11Page - Copal Electronics DP7269 Datasheet HTML 12Page - Copal Electronics DP7269 Datasheet HTML 13Page - Copal Electronics DP7269 Datasheet HTML 14Page - Copal Electronics DP7269 Datasheet HTML 15Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DP7269
© NIDEC COPAL ELECTRONICS CORP.
11
D
.
v
e
R
3
2
1
2
-
D
M
.
o
N
.
c
o
D
Characteristics subject to change without notice
Figure 10. Increment/Decrement Timing Limits
INSTRUCTION FORMAT
Read Wiper Control Register (WCR)
DEVICE ADDRESSES
INSTRUCTION
DATA
0 1 0 1 A A A A
1 0 0 1 0 0 P P
7 6 54321 0
S
T
A
R
T
3 210
A
C
K
10
A
C
K
A
C
K
S
T
O
P
Write Wiper Control Register (WCR)
DEVICE ADDRESSES
INSTRUCTION
DATA
0 1 0 1 A A A A
1 0 1 0 0 0 P P
7654321 0
S
T
A
R
T
3 210
A
C
K
10
A
C
K
A
C
K
S
T
O
P
Read Data Register (DR)
DEVICE ADDRESSES
INSTRUCTION
DATA
0 1 0 1 A A A A
1 0 1 1 R R P P
7654321 0
S
T
A
R
T
3 210
A
C
K
10 1 0
A
C
K
A
C
K
S
T
O
P
Write Data Register (DR)
DEVICE ADDRESSES
INSTRUCTION
DATA
0 1 0 1 A A A A
1 1 0 0 R R P P
7654321 0
S
T
A
R
T
3 210
A
C
K
10 1 0
A
C
K
A
C
K
S
T
O
P
SCL
SDA
RW
INC/DEC
Command
Issued
Voltage Out
tWRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com