Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6008 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6008
Description  8 Channel Buffer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6008 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMC6008 Datasheet HTML 1Page - National Semiconductor (TI) LMC6008 Datasheet HTML 2Page - National Semiconductor (TI) LMC6008 Datasheet HTML 3Page - National Semiconductor (TI) LMC6008 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AC Electrical Characteristics
Unless otherwise specified all limits guaranteed for TJ e 25 C VCC e 145V and RL e 0X
Symbol
Parameter
Conditions
(Note 5)
Typ
LMC6008
Units
Limit
(Note 6)
SR
Slew Rate
Buffers 1 3 5 7 (Note 3)
170
V ms min
Buffers 2 4 6 8 (Note 3)
085
V ms min
tS
Settling Time
(Notes 3 7)
16
m
s max
tON
Standby Response Time ON
10
m
s max
tOFF
Standby Response Time OFF
10
m
s max
PBW
Power Bandwidth
VO e 10 VPP for Hi-Speed
45
VO e 5VPP for Lo-Speed
KHz min
(Note 3)
CL
Load Capacitance
01
m
F max
Note 1
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur Operating ratings indicate conditions for which the device is
intended to be functional but specific performance is not guaranteed For guaranteed specifications and the test conditions see the Electrical Characteristics
Note 2
Human body model 15 kX in series with 100 pF
Note 3
The Load is a series connection of a 01 mF capacitor and a 1X resistor
Note 4
The maximum power dissipation is a function of TJ(max) iJA and TA The maximum allowable power dissipation at any ambient temperature is
PD e (TJ(max) b TA) iJA where the junction-to-ambient thermal resistance iJA e 50 CW If the maximum allowable power dissipation is exceeded the thermal
limit circuit will limit the die temperature to approximately 160 C All numbers apply for packages soldered directly into a PC board
Note 5
Typical Values represent the most likely parametric norm
Note 6
All limits are guaranteed by testing or statistical analysis
Note 7
The settling time is measured from the input transition to a point 50 mV of the final value for both rising and falling transitions The input swing is 05V to
135V for buffers 1 3 5 7 and 375V to 1025V for buffers 2 4 6 8 Input rise time should be less than 1 ms
Note 8
High-Speed Buffers are 1 3 5 7 and Low-Speed Buffers are 2 4 6 8
Note 9
Output Voltage Difference is the difference between the highest and lowest buffer output voltage when all buffer inputs are at identical voltages
http
www nationalcom
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com