Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6008 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6008
Description  8 Channel Buffer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6008 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMC6008 Datasheet HTML 1Page - National Semiconductor (TI) LMC6008 Datasheet HTML 2Page - National Semiconductor (TI) LMC6008 Datasheet HTML 3Page - National Semiconductor (TI) LMC6008 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
ESD Tolerance (Note 2)
2000V
Voltage at Input Pin
Va a 04V Vb b 04V
Voltage at Output Pin
Va a 04V Vb b 04V
Supply Voltage (Va b Vb)
16V
Lead Temperature
(soldering 10 sec)
260 C
Storage Temperature Range
b
55 Cto a150 C
Junction Temperature (Note 4)
150 C
Power Dissipation (Note 4)
Internally Limited
Operating Ratings (Note 1)
Supply Voltage
45V s Va s 16V
Temperature Range
b
20 Cto a100 C
Thermal Resistance (iJA)
M Package 24-Pin Surface Mount
50 CW
DC Electrical Characteristics
Unless otherwise specified all limits guaranteed for TJ e 25 C VCC e 145V and RL e 0
Symbol
Parameter
Conditions
(Note 5)
Typ
LMC6008
Units
Limit
(Note 6)
VOS
Input Offset Voltage
RS e 10 kX
25
mV max
AV
VO e 10 VPP
0985
VV
IB
Input Bias Current
300
nA max
ILP
Peak Load Current
Hi Speed Buffers
b
250
mA max
VO e 13 VPP
a
250
mA min
ILP
Peak Load Current
Lo Speed Buffers
b
150
mA max
VO e 13 VPP
a
150
mA min
VERR
Output Voltage Difference
35
mV max
(Note 9)
VIH
Standby Logic
330
V min
HIgh Voltage
VIL
ISTANDBY Logic
180
V max
Low Voltage
IIH
Standby High Input Current
10
m
A max
IIL
Standby Low Input Current
10
m
A max
IO (STD-BY)
Output Leakage Current
VSTD-BY e High
5
m
A max
ICC
Supply Current
VIL e Low VIN e 725V
65
mA max
ISTD-BY
Standby Current
VSTD-BY e High
500
m
A max
PSRR
Power Supply Rejection Ratio
5V k VCC k 145V
55
dB min
VO
Voltage Output Swing
01
V min
VCC b 01
V max
http
www nationalcom
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com