Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC6008 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC6008
Description  8 Channel Buffer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6008 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMC6008 Datasheet HTML 1Page - National Semiconductor (TI) LMC6008 Datasheet HTML 2Page - National Semiconductor (TI) LMC6008 Datasheet HTML 3Page - National Semiconductor (TI) LMC6008 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLH12321
April 1996
LMC6008
8 Channel Buffer
General Description
The LMC6008 octal buffer is designed specifically to buffer
the multi-level voltages going to the inputs of the integrated
circuits The LMC6008 AC characteristics including settling
time are specified for a capacitive load of 01 mF for this
reason
The LMC6008 contains 4 high-speed buffers and 4 low-
power buffers The high-speed buffers can provide an out-
put current of at least 250 mA (minimum) and the low-pow-
er buffers can provide at least 150 mA (minimum) By includ-
ing the 2 types of buffers the LMC6008 is able to provide
this function while consuming a supply current of only 65
mA (maximum) The buffers are a rail-to-rail design which
typically swing to within 30 mV of either supply
The LMC6008 also contains a standby function which puts
the buffer into a high-impedance mode The supply current
in the standby mode is a low 500 mA max Also a thermal
limit circuit is included to protect the device from overload
conditions
Features
Y
High Output Current
High Speed Buffers
250 mA min
Low Power Buffers
150 mA min
Y
Slew Rate
High Speed Buffers
17 V ms
Low Power Buffers
085V ms
Y
Settling Time CL e 01 mF16 ms max
Y
Wide InputOutput Range
01V to VCC b 01V min
Y
Supply Voltage Range
5V to 16V
Y
Supply Current
65 mA max
Y
Standby Mode Current
500 mA
Applications
Y
AMLCD voltage buffering
Y
Multi-voltage buffering
Connection Diagram
24-Pin SO
TLH12321 – 1
Top View
Note
Buffers 1 3 5 and 7 are High Speed and
Buffers 2 4 6 and 8 are Low Speed
Ordering Information
Package
Temperature Range
NSC
Transport
b
40 Cto a85 C
Drawing
Media
24-Pin
LMC6008IM
M24B
Rail
Surface Mount
LMC6008IMX
M24B
Tape
Reel
C1996 National Semiconductor Corporation
RRD-B30M56Printed in U S A


Similar Part No. - LMC6008

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6001 NSC-LMC6001 Datasheet
305Kb / 14P
Ultra Ultra-Low Input Current Amplifier
logo
Texas Instruments
LMC6001 TI1-LMC6001 Datasheet
611Kb / 25P
Ultra, Ultra-Low Input Current Amplifier
LMC6001 TI1-LMC6001 Datasheet
611Kb / 25P
Ultra, Ultra-Low Input Current Amplifier
LMC6001 TI2-LMC6001 Datasheet
680Kb / 26P
LMC6001 Ultra, Ultra-Low Input Current Amplifier
REVISED SEPTEMBER 2015
LMC6001-MIL TI1-LMC6001-MIL Datasheet
527Kb / 18P
Ultra, Ultra-Low Input Current Amplifier
More results

Similar Description - LMC6008

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXFBF08 ZETEX-ZXFBF08 Datasheet
259Kb / 6P
8 Channel Buffer Device
logo
Intersil Corporation
EL5623 INTERSIL-EL5623 Datasheet
231Kb / 7P
Multi-Channel Buffer
May 6, 2005
logo
Advanced Analog Technol...
AAT7205 AAT-AAT7205 Datasheet
316Kb / 10P
81-CHANNEL BUFFER FOR TFT LCD
V 1.0
logo
Cypress Semiconductor
CY2DL818 CYPRESS-CY2DL818 Datasheet
113Kb / 8P
1:8 Clock Fanout Buffer
logo
Maxim Integrated Produc...
DS3508 MAXIM-DS3508 Datasheet
193Kb / 14P
I2C, 8-Channel Gamma Buffer with EEPROM
Rev 1; 3/08
logo
Cypress Semiconductor
CY2DP818-2 CYPRESS-CY2DP818-2_08 Datasheet
410Kb / 9P
1:8 Clock Fanout Buffer
logo
Texas Instruments
SN65LVCP418 TI-SN65LVCP418 Datasheet
1Mb / 25P
8-Channel Gigabit Signal Conditioning Buffer
logo
Cypress Semiconductor
CY2DP818 CYPRESS-CY2DP818_12 Datasheet
414Kb / 13P
1:8 Clock Fanout Buffer
logo
Diodes Incorporated
ZXFBF08 DIODES-ZXFBF08 Datasheet
261Kb / 6P
8 Channel Buffer Device
OCTOBER 2000
logo
Renesas Technology Corp
EL5623 RENESAS-EL5623 Datasheet
411Kb / 7P
Multi-Channel Buffer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com