Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2194 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # LPC2194
Description  Single-chip 16/32-bit microcontrollers 256 kB ISP/IAP Flash with 10-bit ADC and CAN
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2194 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button LPC2194 Datasheet HTML 15Page - NXP Semiconductors LPC2194 Datasheet HTML 16Page - NXP Semiconductors LPC2194 Datasheet HTML 17Page - NXP Semiconductors LPC2194 Datasheet HTML 18Page - NXP Semiconductors LPC2194 Datasheet HTML 19Page - NXP Semiconductors LPC2194 Datasheet HTML 20Page - NXP Semiconductors LPC2194 Datasheet HTML 21Page - NXP Semiconductors LPC2194 Datasheet HTML 22Page - NXP Semiconductors LPC2194 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
Philips Semiconductors
LPC2194
Single-chip 16/32-bit microcontrollers
Preliminary data
Rev. 01 — 06 February 2004
19 of 33
9397 750 12757
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
• Four 32-bit capture channels per timer that can take a snapshot of the timer value
when an input signal transitions. A capture event may also optionally generate an
interrupt.
• Four 32-bit match registers that allow:
– Continuous operation with optional interrupt generation on match.
– Stop timer on match with optional interrupt generation.
– Reset timer on match with optional interrupt generation.
• Four external outputs per timer corresponding to match registers, with the following
capabilities:
– Set LOW on match.
– Set HIGH on match.
– Toggle on match.
– Do nothing on match.
6.17 Watchdog timer
The purpose of the Watchdog is to reset the microcontroller within a reasonable
amount of time if it enters an erroneous state. When enabled, the Watchdog will
generate a system reset if the user program fails to ‘feed’ (or reload) the Watchdog
within a predetermined amount of time.
6.17.1
Features
• Internally resets chip if not periodically reloaded.
• Debug mode.
• Enabled by software but requires a hardware reset or a Watchdog reset/interrupt to
be disabled.
• Incorrect/Incomplete feed sequence causes reset/interrupt if enabled.
• Flag to indicate Watchdog reset.
• Programmable 32-bit timer with internal pre-scaler.
• Selectable time period from (tpclk × 256 × 4) to (tpclk × 232 × 4) in multiples of
tpclk × 4.
6.18 Real time clock
The Real Time Clock (RTC) is designed to provide a set of counters to measure time
when normal or idle operating mode is selected. The RTC has been designed to use
little power, making it suitable for battery powered systems where the CPU is not
running continuously (Idle mode).
6.18.1
Features
• Measures the passage of time to maintain a calendar and clock.
• Ultra Low Power design to support battery powered systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com