Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2194 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # LPC2194
Description  Single-chip 16/32-bit microcontrollers 256 kB ISP/IAP Flash with 10-bit ADC and CAN
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2194 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button LPC2194 Datasheet HTML 16Page - NXP Semiconductors LPC2194 Datasheet HTML 17Page - NXP Semiconductors LPC2194 Datasheet HTML 18Page - NXP Semiconductors LPC2194 Datasheet HTML 19Page - NXP Semiconductors LPC2194 Datasheet HTML 20Page - NXP Semiconductors LPC2194 Datasheet HTML 21Page - NXP Semiconductors LPC2194 Datasheet HTML 22Page - NXP Semiconductors LPC2194 Datasheet HTML 23Page - NXP Semiconductors LPC2194 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Philips Semiconductors
LPC2194
Single-chip 16/32-bit microcontrollers
Preliminary data
Rev. 01 — 06 February 2004
20 of 33
9397 750 12757
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
• Provides Seconds, Minutes, Hours, Day of Month, Month, Year, Day of Week, and
Day of Year.
• Programmable Reference Clock Divider allows adjustment of the RTC to match
various crystal frequencies.
6.19 Pulse width modulator
The PWM is based on the standard Timer block and inherits all of its features,
although only the PWM function is pinned out on the LPC2194. The Timer is
designed to count cycles of the peripheral clock (PCLK) and optionally generate
interrupts or perform other actions when specified timer values occur, based on
seven match registers. The PWM function is also based on match register events.
The ability to separately control rising and falling edge locations allows the PWM to
be used for more applications. For instance, multi-phase motor control typically
requires three non-overlapping PWM outputs with individual control of all three pulse
widths and positions.
Two match registers can be used to provide a single edge controlled PWM output.
One match register (MR0) controls the PWM cycle rate, by resetting the count upon
match. The other match register controls the PWM edge position. Additional single
edge controlled PWM outputs require only one match register each, since the
repetition rate is the same for all PWM outputs. Multiple single edge controlled PWM
outputs will all have a rising edge at the beginning of each PWM cycle, when an MR0
match occurs.
Three match registers can be used to provide a PWM output with both edges
controlled. Again, the MR0 match register controls the PWM cycle rate. The other
match registers control the two PWM edge positions. Additional double edge
controlled PWM outputs require only two match registers each, since the repetition
rate is the same for all PWM outputs.
With double edge controlled PWM outputs, specific match registers control the rising
and falling edge of the output. This allows both positive going PWM pulses (when the
rising edge occurs prior to the falling edge), and negative going PWM pulses (when
the falling edge occurs prior to the rising edge).
6.19.1
Features
• Seven match registers allow up to six single edge controlled or three double edge
controlled PWM outputs, or a mix of both types.
• The match registers also allow:
– Continuous operation with optional interrupt generation on match.
– Stop timer on match with optional interrupt generation.
– Reset timer on match with optional interrupt generation.
• Supports single edge controlled and/or double edge controlled PWM outputs.
Single edge controlled PWM outputs all go HIGH at the beginning of each cycle
unless the output is a constant LOW. Double edge controlled PWM outputs can
have either edge occur at any position within a cycle. This allows for both positive
going and negative going pulses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com