Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2194 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # LPC2194
Description  Single-chip 16/32-bit microcontrollers 256 kB ISP/IAP Flash with 10-bit ADC and CAN
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2194 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button LPC2194 Datasheet HTML 19Page - NXP Semiconductors LPC2194 Datasheet HTML 20Page - NXP Semiconductors LPC2194 Datasheet HTML 21Page - NXP Semiconductors LPC2194 Datasheet HTML 22Page - NXP Semiconductors LPC2194 Datasheet HTML 23Page - NXP Semiconductors LPC2194 Datasheet HTML 24Page - NXP Semiconductors LPC2194 Datasheet HTML 25Page - NXP Semiconductors LPC2194 Datasheet HTML 26Page - NXP Semiconductors LPC2194 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
Philips Semiconductors
LPC2194
Single-chip 16/32-bit microcontrollers
Preliminary data
Rev. 01 — 06 February 2004
23 of 33
9397 750 12757
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
fourth of the processor clock rate. The default condition at reset is for the VPB bus to
run at one quarter of the CPU clock. The second purpose of the VPB Divider is to
allow power savings when an application does not require any peripherals to run at
the full processor rate. Because the VPB Divider is connected to the PLL output, the
PLL remains active (if it was running) during Idle mode.
6.21 Emulation and debugging
The LPC2194 supports emulation and debugging via a JTAG serial port. A trace port
allows tracing program execution. Debugging and trace functions are multiplexed only
with GPIOs on Port 1. This means that all communication, timer and interface
peripherals residing on Port 0 are available during the development and debugging
phase as they are when the application is run in the embedded system itself.
6.21.1
Embedded ICE™
Standard ARM EmbeddedICE logic provides on-chip debug support. The debugging
of the target system requires a host computer running the debugger software and an
EmbeddedICE protocol convertor. EmbeddedICE protocol convertor converts the
Remote Debug Protocol commands to the JTAG data needed to access the ARM
core.
The ARM core has a Debug Communication Channel function built-in. The debug
communication channel allows a program running on the target to communicate with
the host debugger or another separate host without stopping the program flow or
even entering the debug state. The debug communication channel is accessed as a
co-processor 14 by the program running on the ARM7TDMI-S core. The debug
communication channel allows the JTAG port to be used for sending and receiving
data without affecting the normal program flow. The debug communication channel
data and control registers are mapped in to addresses in the EmbeddedICE™ logic.
6.21.2
Embedded trace
Since the LPC2194 has significant amounts of on-chip memory, it is not possible to
determine how the processor core is operating simply by observing the external pins.
The Embedded Trace Macrocell provides real-time trace capability for deeply
embedded processor cores. It outputs information about processor execution to the
trace port.
The ETM is connected directly to the ARM core and not to the main AMBA system
bus. It compresses the trace information and exports it through a narrow trace port.
An external trace port analyzer must capture the trace information under software
debugger control. Instruction trace (or PC trace) shows the flow of execution of the
processor and provides a list of all the instructions that were executed. Instruction
trace is significantly compressed by only broadcasting branch addresses as well as a
set of status signals that indicate the pipeline status on a cycle by cycle basis. Trace
information generation can be controlled by selecting the trigger resource. Trigger
resources include address comparators, counters and sequencers. Since trace
information is compressed the software debugger requires a static image of the code
being executed. Self-modifying code can not be traced because of this restriction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com