Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB3200 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TS3USB3200
Description  USB 2.0 Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS3USB3200 Datasheet(HTML) 3 Page - Texas Instruments

  TS3USB3200 Datasheet HTML 1Page - Texas Instruments TS3USB3200 Datasheet HTML 2Page - Texas Instruments TS3USB3200 Datasheet HTML 3Page - Texas Instruments TS3USB3200 Datasheet HTML 4Page - Texas Instruments TS3USB3200 Datasheet HTML 5Page - Texas Instruments TS3USB3200 Datasheet HTML 6Page - Texas Instruments TS3USB3200 Datasheet HTML 7Page - Texas Instruments TS3USB3200 Datasheet HTML 8Page - Texas Instruments TS3USB3200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Not to scale
1
GND
12
ID_USB
2
D+
11
MHL+
3
D–
10
MHL–
4
PSEL
9
SEL2
3
TS3USB3200
www.ti.com
SCDS333B – JUNE 2012 – REVISED JULY 2016
Product Folder Links: TS3USB3200
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
RSV Package
16-Pin UQFN
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
GND
Ground
Ground
2
D+
I/O
Data Signal Path (Differential +)
3
D–
I/O
Data Signal Path (Differential –)
4
PSEL
Input
Power Source Select Line
5
SEL1
Input
Control Input Select Line 1
6
USB–
I/O
USB Data Signal Path (Differential –)
7
USB+
I/O
USB Data Signal Path (Differential +)
8
GND
Ground
Ground
9
SEL2
Input
Control Input Select Line 2
10
MHL–
I/O
MHL Data Signal Path (Differential–)
11
MHL+
I/O
MHL Data Signal Path (Differential +)
12
ID_USB
I/O
ID Signal Path for USB
13
ID_MHL
I/O
ID Signal Path for MHL
14
ID_COM
I/O
ID Common Signal Path
15
VBUS
Power
Alternative Device Power
16
VCC
Power
Power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com