Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB3200 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TS3USB3200
Description  USB 2.0 Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS3USB3200 Datasheet(HTML) 1 Page - Texas Instruments

  TS3USB3200 Datasheet HTML 1Page - Texas Instruments TS3USB3200 Datasheet HTML 2Page - Texas Instruments TS3USB3200 Datasheet HTML 3Page - Texas Instruments TS3USB3200 Datasheet HTML 4Page - Texas Instruments TS3USB3200 Datasheet HTML 5Page - Texas Instruments TS3USB3200 Datasheet HTML 6Page - Texas Instruments TS3USB3200 Datasheet HTML 7Page - Texas Instruments TS3USB3200 Datasheet HTML 8Page - Texas Instruments TS3USB3200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
D+
USB+
MHL+
Control
Logic
SEL1
SEL2
D-
USB-
MHL-
ID_COM
ID_MHL
ID_USB
Switch
Power
PSEL
VBUS
VCC
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TS3USB3200
SCDS333B – JUNE 2012 – REVISED JULY 2016
TS3USB3200 SPDT USB 2.0 High-Speed (480 Mbps) and Mobile High-Definition Link
(MHL) or Mobility Display Port (MyDP) Switch With additional SPDT ID Select Switch and
Flexible Power Control
1
1 Features
1
•
VCC Range: 2.7 V to 4.3 V
•
Mobile High-Definition Link (MHL) or Mobility
Display Port (MyDP) Switch
–
Bandwidth (–3 dB): 5.5 GHz
–
Ron (Typical): 5.7 Ω
–
Con (Typical): 2.5 pF
•
USB Switch
–
Bandwidth (–3 dB): 5.5 GHz
–
Ron (Typical): 4.6 Ω
–
Con (Typical): 2.5 pF
•
Current Consumption: 40 µA Typical
•
Special Features
–
Flexible Power Control: Device Can be
Powered by VBUS Without VCC or by VCC Alone
–
IOFF Protection Prevents Current Leakage in
Powered-Down State (VCC and VBUS= 0 V)
–
1.8-V Compatible Control Inputs (SEL1, SEL2,
and PSEL)
–
Overvoltage Tolerance (OVT) on All I/O Pins
up to 5.5 V Without External Components
•
ESD Performance:
–
3.5-kV Human-Body Model (A114B, Class II)
–
1-kV Charged Device Model (C101)
•
Package:
–
16-Pin UQFN Package (2.6 × 1.8 mm, 0.4-mm
Pitch)
Switch Diagram
2 Applications
•
USB 2.0 Applications
•
Mobile High-Definition Link (MHL) Applications
•
Mobility Display Port (MyDP) Applications
•
Mobile Phones
3 Description
The TS3USB3200 is a differential single-pole, double
throw (SPDT) multiplexer that includes a high-speed
Mobile High-Definition Link (MHL) or Mobility Display
Port (MyDP) switch and a USB 2.0 High-Speed
(480 Mbps) switch in the same package. Additionally
included is a single-pole, double throw (SPDT)
USB/MHL or MyDP ID switch for easy information
control.
These
configurations
allow
the
system
designer to use a common USB or Mico-USB
connector for both MHL/MyDP video signals and USB
data.
The TS3USB3200 has a VCC range of 2.7 V to 4.3 V
and also has the option to be powered by VBUS
without VCC. The device supports a overvoltage
tolerance (OVT) feature which allows the I/O pins to
withstand overvoltage conditions (up to 5.5 V). The
power-off protection feature forces all I/O pins to be in
high impedance mode when power is not present.
This allows full isolation of the signals lines without
excessive
leakage
current.
The
select
pins
of
TS3USB3200 are compatible with 1.8-V control
voltage, allowing them to be directly interfaced with
the General Purpose I/O (GPIO) from a mobile
processor.
The TS3USB3200 comes with a small 16-pin UQFN
package (2.6 mm × 1.8 mm in size), which makes it a
perfect candidate for mobile applications.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TS3USB3200
UQFN (16)
2.60 mm × 1.80 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.


Similar Part No. - TS3USB3200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3USB3200 TI1-TS3USB3200 Datasheet
2Mb / 21P
DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch with ID Select and Flexible Power Control
TS3USB3200RSVR TI1-TS3USB3200RSVR Datasheet
2Mb / 21P
DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch with ID Select and Flexible Power Control
More results

Similar Description - TS3USB3200

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
614108247221 WURTH-614108247221 Datasheet
609Kb / 2P
WR-USB 2.0 HORIZONTAL DUAL-WAY USB 2.0
logo
Glenair, Inc.
963-005 GLENAIR-963-005 Datasheet
204Kb / 1P
USB 2.0 Cable
logo
List of Unclassifed Man...
MC001008 ETC2-MC001008 Datasheet
190Kb / 1P
USB 2.0 Cable
logo
Rosenberger Hochfrequen...
L99-987-800 ROSENBERGER-L99-987-800 Datasheet
880Kb / 2P
USB 2.0 A MALE TO USB 2.0 MINI USB
L99-988-800 ROSENBERGER-L99-988-800 Datasheet
782Kb / 2P
USB 2.0 A MALE TO USB 2.0 MICRO-B
L99-989-800 ROSENBERGER-L99-989-800 Datasheet
725Kb / 2P
USB 2.0 A MALE TO USB 2.0 TYPE-B
logo
Leopard Imaging Inc.
LI-OV2640-USB-M7 LEOPARD-LI-OV2640-USB-M7 Datasheet
403Kb / 2P
USB 2.0 Cameras
LI-OV5648-USB-AF LEOPARD-LI-OV5648-USB-AF Datasheet
409Kb / 2P
USB 2.0 Camera
LI-USB20-OV5640-PAR-AF LEOPARD-LI-USB20-OV5640-PAR-AF Datasheet
1Mb / 4P
USB 2.0 Camera
logo
Molex Electronics Ltd.
987651-7604 MOLEX-987651-7604 Datasheet
1Mb / 3P
USB 2.0 Modules
2019.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com