Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS3USB3200 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TS3USB3200
Description  USB 2.0 Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS3USB3200 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TS3USB3200 Datasheet HTML 3Page - Texas Instruments TS3USB3200 Datasheet HTML 4Page - Texas Instruments TS3USB3200 Datasheet HTML 5Page - Texas Instruments TS3USB3200 Datasheet HTML 6Page - Texas Instruments TS3USB3200 Datasheet HTML 7Page - Texas Instruments TS3USB3200 Datasheet HTML 8Page - Texas Instruments TS3USB3200 Datasheet HTML 9Page - Texas Instruments TS3USB3200 Datasheet HTML 10Page - Texas Instruments TS3USB3200 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
3
4
5
6
7
8
1.8
2.3
2.8
3.3
3.8
Input Voltage (V)
VCC = 2.7 V
Ion = 8 mA
G007
3
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
0
0.5
1
1.5
2
Input Voltage (V)
VCC = 2.7 V
Ion = 8 mA
G005
2
2.5
3
3.5
4
4.5
5
5.5
6
0
0.5
1
1.5
2
Input Voltage (V)
VCC = 2.7 V
Ion = 8 mA
G006
7
TS3USB3200
www.ti.com
SCDS333B – JUNE 2012 – REVISED JULY 2016
Product Folder Links: TS3USB3200
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
6.7 Typical Characteristics
Figure 1. ON-Resistance vs VI for MHL Switch
Figure 2. ON-Resistance vs VI for USB Switch
Figure 3. ON-Resistance vs VI for ID Switch
Figure 4. Gain vs Frequency for MHL Switch
Figure 5. Gain vs Frequency for USB Switch
Figure 6. Off Isolation vs Frequency for MHL Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com