Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXE40 Datasheet(PDF) 1 Page - Advanced XTAL Products

Part # AXE40
Description  Low Phase Noise VHF/UHF SPXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXE40 Datasheet(HTML) 1 Page - Advanced XTAL Products

  AXE40 Datasheet HTML 1Page - Advanced XTAL Products AXE40 Datasheet HTML 2Page - Advanced XTAL Products AXE40 Datasheet HTML 3Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXE40 Rev.1
www.axtal.com
Roemerring 9
Drawing D2
fon: +49 (6261) 939834
D-74821 Mosbach
Page 1(3)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXE40
Rev.: 1
Date: 2014-04-04
Oscillator type:
Low Phase Noise VHF/UHF SPXO (no PLL)
with LVPECL or Sine Wave Output
Parameter
min.
typ.
max.
Unit
Condition
Frequency range
60
400
MHz
Frequency stability
ppm
Initial tolerance
±5
ppm
vs. operating temperature range
±10
ppm
(Note 2)
vs. supply voltage variation
±2
ppm
VS ±5%
vs. load change
±2
ppm
Load ±5%
Long term (aging) per year
±2
ppm
@ 40°C
Frequency adjustment range
Electronic Frequency Control (EFC)
N.A.
ppm
on request
RF output
Signal waveform
Sine Wave
LVPECL Complementary
Option 1 = “S”
Option 1 = “L”
Output Level (Option 1 = “S”)
+0
dBm
RL = 50 Ω (Note 3)
Harmonics (Option 1 = “S”)
-30
dBc
Sub-harmonics (Note 4)
-40
dBc
Output Levels (Option 1 = “L”)
HIGH (VOH)
LOW (VOL)
2.215
1.470
2.345
1.595
2.420
1.745
V
V
RL = 50 Ω to VS - 2 V
(Note 5)
Supply voltage VS
3.15
4.75
3.3
5.0
3.45
5.25
V
V
Option 2 = “33”
Option 2 = “50”
Current consumption (steady state)
40
mA
(Note 6)
Operating temperature range
-20
+70
°C
Enclosure (see drawing) (LxWxH)
20.5x20.5x12.5 max.
mm
IEC 60679-3 CO 41
Weight
8
g
Packing
Palette
IEC 60286-3
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310, unless otherwise stated
2.
Other stabilities over temperature on request
3.
Higher output level on request
4.
For frequencies above 100 MHz sub-harmonics may be present. Please consult factory
5.
Output levels vary 1:1 with VS
6.
Current consumption depends on frequency, supply voltage and output option
Absolute Maximum Ratings
Parameter
min.
max.
Unit
Condition
Supply Voltage VS
-0.5
VS + 10%
V
VS to GND
Storage Temperature
-55
+125
°C


Similar Part No. - AXE40

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXE10 AXTAL-AXE10 Datasheet
53Kb / 2P
SMD PXO (Clock) in CO 26 package
2005-06-08
AXE10-14 AXTAL-AXE10-14 Datasheet
159Kb / 2P
PXO for WLAN Test Equipment
Date: 2004-03-24
AXE1000 AXTAL-AXE1000 Datasheet
55Kb / 2P
Crystal Oscillator (PXO) 1000 MHz
2008-01-25
AXE10L AXTAL-AXE10L Datasheet
101Kb / 3P
SMD SPXO with LVDS Output
2014-04-04
AXE10LE AXTAL-AXE10LE Datasheet
101Kb / 3P
SMD SPXO with LVDS Output
2014-04-04
More results

Similar Description - AXE40

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA1284FN TOSHIBA-TA1284FN Datasheet
316Kb / 9P
UHF/VHF TUNER IC (LOW PHASE NOISE OSCILLATOR)
logo
NEC
2SC2869 NEC-2SC2869 Datasheet
31Kb / 1P
Low Noise Amplifier of VHF & UHF band
logo
Toshiba Semiconductor
MT6L54E TOSHIBA-MT6L54E Datasheet
87Kb / 3P
VHF-UHF Band Low Noise Amplifier Application
MT4S04A TOSHIBA-MT4S04A Datasheet
109Kb / 2P
VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS
MT3S106FS TOSHIBA-MT3S106FS Datasheet
144Kb / 5P
VHF-UHF Low Noise Amplifier Application
MT4S03A TOSHIBA-MT4S03A_07 Datasheet
107Kb / 3P
VHF~UHF Band Low Noise Amplifier Applications
TA1284FN TOSHIBA-TA1284FN_03 Datasheet
173Kb / 9P
UHF / VHF TUNER IC (Low Phase Noise Oscillator)
logo
Maxim Integrated Produc...
MAX2664 MAXIM-MAX2664 Datasheet
1Mb / 13P
VHF/UHF Low-Noise Amplifiers
Rev 0; 8/10
logo
Advanced XTAL Products
AXIS50 AXTAL-AXIS50 Datasheet
101Kb / 3P
Low Phase Noise VHF/UHF VCXO (no PLL)
logo
Toshiba Semiconductor
2SC2499 TOSHIBA-2SC2499 Datasheet
210Kb / 4P
VHF-UHF Low Noise Amplifier Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com