Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM317
Description  3-Terminal Adjustable Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM317 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM317 Datasheet HTML 1Page - National Semiconductor (TI) LM317 Datasheet HTML 2Page - National Semiconductor (TI) LM317 Datasheet HTML 3Page - National Semiconductor (TI) LM317 Datasheet HTML 4Page - National Semiconductor (TI) LM317 Datasheet HTML 5Page - National Semiconductor (TI) LM317 Datasheet HTML 6Page - National Semiconductor (TI) LM317 Datasheet HTML 7Page - National Semiconductor (TI) LM317 Datasheet HTML 8Page - National Semiconductor (TI) LM317 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Power Dissipation
Internally Limited
Input-Output Voltage Differential
+40V, −0.3V
Storage Temperature
−65˚C to +150˚C
Lead Temperature
Metal Package (Soldering, 10 seconds)
300˚C
Plastic Package (Soldering, 4 seconds)
260˚C
ESD Tolerance (Note 5)
3 kV
Operating Temperature Range
LM117
−55˚C
≤ T
J
≤ +150˚C
LM317A
−40˚C
≤ T
J
≤ +125˚C
LM317
0˚C
≤ T
J
≤ +125˚C
Preconditioning
Thermal Limit Burn-In
All Devices 100%
Electrical Characteristics (Note 3)
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Tempera-
ture Range. Unless otherwise specified, V
IN −VOUT = 5V, and IOUT = 10 mA.
Parameter
Conditions
LM117 (Note 2)
Units
Min
Typ
Max
Reference Voltage
V
3V
≤ (V
IN −VOUT)
≤ 40V,
1.20
1.25
1.30
V
10 mA
≤ I
OUT
≤ I
MAX,P
≤ P
MAX
Line Regulation
3V
≤ (V
IN −VOUT)
≤ 40V (Note 4)
0.01
0.02
%/V
0.02
0.05
%/V
Load Regulation
10 mA
≤ I
OUT
≤ I
MAX (Note 4)
0.1
0.3
%
0.3
1
%
Thermal Regulation
20 ms Pulse
0.03
0.07
%/W
Adjustment Pin Current
50
100
µA
Adjustment Pin Current Change
10 mA
≤ I
OUT
≤ I
MAX
0.2
5
µA
3V
≤ (V
IN −VOUT)
≤ 40V
Temperature Stability
T
MIN
≤ T
J
≤ T
MAX
1
%
Minimum Load Current
(V
IN −VOUT) = 40V
3.5
5
mA
Current Limit
(V
IN −VOUT)
≤ 15V
K Package
1.5
2.2
3.4
A
H Package
0.5
0.8
1.8
A
(V
IN −VOUT) = 40V
K Package
0.3
0.4
A
H Package
0.15
0.2
A
RMS Output Noise, % of V
OUT
10 Hz
≤ f ≤ 10 kHz
0.003
%
Ripple Rejection Ratio
V
OUT = 10V, f = 120 Hz,
65
dB
C
ADJ =0 µF
V
OUT = 10V, f = 120 Hz,
66
80
dB
C
ADJ =10 µF
Long-Term Stability
T
J = 125˚C, 1000 hrs
0.3
1
%
Thermal Resistance,
K Package
2.3
3
˚C/W
Junction-to-Case
H Package
12
15
˚C/W
E Package
˚C/W
Thermal Resistance, Junction-
K Package
35
˚C/W
to-Ambient (No Heat Sink)
H Package
140
˚C/W
E Package
˚C/W
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com