Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM317
Description  3-Terminal Adjustable Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM317 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM317 Datasheet HTML 5Page - National Semiconductor (TI) LM317 Datasheet HTML 6Page - National Semiconductor (TI) LM317 Datasheet HTML 7Page - National Semiconductor (TI) LM317 Datasheet HTML 8Page - National Semiconductor (TI) LM317 Datasheet HTML 9Page - National Semiconductor (TI) LM317 Datasheet HTML 10Page - National Semiconductor (TI) LM317 Datasheet HTML 11Page - National Semiconductor (TI) LM317 Datasheet HTML 12Page - National Semiconductor (TI) LM317 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Application Hints (Continued)
when either the input or output is shorted. Internal to the
LM117 is a 50
Ω resistor which limits the peak discharge
current. No protection is needed for output voltages of 25V
or less and 10µF capacitance. Figure 3 shows an LM117
with protection diodes included for use with outputs greater
than 25V and high values of output capacitance.
When a value for
θ
(H−A) is found using the equation shown,
a heatsink must be selected that has a value that is less than
or equal to this number.
θ
(H−A) is specified numerically by the heatsink manufacturer
in the catalog, or shown in a curve that plots temperature rise
vs power dissipation for the heatsink.
HEATSINKING TO-263, SOT-223 AND TO-252 PACKAGE
PARTS
The TO-263 (“S”), SOT-223 (“MP”) and TO-252 (”DT”) pack-
ages use a copper plane on the PCB and the PCB itself as
a heatsink. To optimize the heat sinking ability of the plane
and PCB, solder the tab of the package to the plane.
Figure 4 shows for the TO-263 the measured values of
θ
(J−A)
for different copper area sizes using a typical PCB with 1
ounce copper and no solder mask over the copper area used
for heatsinking.
As shown in the figure, increasing the copper area beyond 1
square inch produces very little improvement. It should also
be observed that the minimum value of
θ
(J−A) for the TO-263
package mounted to a PCB is 32˚C/W.
As a design aid, Figure 5 shows the maximum allowable
power dissipation compared to ambient temperature for the
TO-263 device (assuming
θ
(J−A) is 35˚C/W and the maxi-
mum junction temperature is 125˚C).
Figure 6 and Figure 7 show the information for the SOT-223
package. Figure 7 assumes a
θ
(J−A) of 74˚C/W for 1 ounce
copper and 51˚C/W for 2 ounce copper and a maximum
junction temperature of 125˚C.
00906307
D1 protects against C1
D2 protects against C2
FIGURE 3. Regulator with Protection Diodes
00906355
FIGURE 4.
θ
(J−A) vs Copper (1 ounce) Area for the
TO-263 Package
00906356
FIGURE 5. Maximum Power Dissipation vs T
AMB for
the TO-263 Package
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com