Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM317
Description  3-Terminal Adjustable Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM317 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM317 Datasheet HTML 1Page - National Semiconductor (TI) LM317 Datasheet HTML 2Page - National Semiconductor (TI) LM317 Datasheet HTML 3Page - National Semiconductor (TI) LM317 Datasheet HTML 4Page - National Semiconductor (TI) LM317 Datasheet HTML 5Page - National Semiconductor (TI) LM317 Datasheet HTML 6Page - National Semiconductor (TI) LM317 Datasheet HTML 7Page - National Semiconductor (TI) LM317 Datasheet HTML 8Page - National Semiconductor (TI) LM317 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
LM117/LM317A/LM317
3-Terminal Adjustable Regulator
General Description
The LM117 series of adjustable 3-terminal positive voltage
regulators is capable of supplying in excess of 1.5A over a
1.2V to 37V output range. They are exceptionally easy to
use and require only two external resistors to set the output
voltage. Further, both line and load regulation are better than
standard fixed regulators. Also, the LM117 is packaged in
standard transistor packages which are easily mounted and
handled.
In addition to higher performance than fixed regulators, the
LM117 series offers full overload protection available only in
IC’s. Included on the chip are current limit, thermal overload
protection and safe area protection. All overload protection
circuitry remains fully functional even if the adjustment ter-
minal is disconnected.
Normally, no capacitors are needed unless the device is
situated more than 6 inches from the input filter capacitors in
which case an input bypass is needed. An optional output
capacitor can be added to improve transient response. The
adjustment terminal can be bypassed to achieve very high
ripple rejection ratios which are difficult to achieve with stan-
dard 3-terminal regulators.
Besides replacing fixed regulators, the LM117 is useful in a
wide variety of other applications. Since the regulator is
“floating” and sees only the input-to-output differential volt-
age, supplies of several hundred volts can be regulated as
long as the maximum input to output differential is not ex-
ceeded, i.e., avoid short-circuiting the output.
Also, it makes an especially simple adjustable switching
regulator, a programmable output regulator, or by connecting
a fixed resistor between the adjustment pin and output, the
LM117 can be used as a precision current regulator. Sup-
plies with electronic shutdown can be achieved by clamping
the adjustment terminal to ground which programs the out-
put to 1.2V where most loads draw little current.
For applications requiring greater output current, see LM150
series (3A) and LM138 series (5A) data sheets. For the
negative complement, see LM137 series data sheet.
Features
n
Guaranteed 1% output voltage tolerance (LM317A)
n
Guaranteed max. 0.01%/V line regulation (LM317A)
n
Guaranteed max. 0.3% load regulation (LM117)
n
Guaranteed 1.5A output current
n
Adjustable output down to 1.2V
n
Current limit constant with temperature
n
P
+ Product Enhancement tested
n
80 dB ripple rejection
n
Output is short-circuit protected
Typical Applications
1.2V–25V Adjustable Regulator
00906301
Full output current not available at high input-output voltages
*Needed if device is more than 6 inches from filter capacitors.
†Optional — improves transient response. Output capacitors in the range
of 1µF to 1000µF of aluminum or tantalum electrolytic are commonly used
to provide improved output impedance and rejection of transients.
LM117 Series Packages
Part Number
Design
Suffix
Package
Load
Current
K
TO-3
1.5A
H
TO-39
0.5A
T
TO-220
1.5A
E
LCC
0.5A
S
TO-263
1.5A
EMP
SOT-223
1A
MDT
TO-252
0.5A
SOT-223 vs. D-Pak (TO-252)
Packages
00906354
Scale 1:1
July 2004
© 2004 National Semiconductor Corporation
DS009063
www.national.com


Similar Part No. - LM317

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM317 ONSEMI-LM317 Datasheet
132Kb / 12P
1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
logo
STMicroelectronics
LM317 STMICROELECTRONICS-LM317 Datasheet
99Kb / 11P
1.2V TO 37V VOLTAGE REGULATOR
Nov-1999
logo
Wing Shing Computer Com...
LM317 WINGS-LM317 Datasheet
213Kb / 3P
3-TERMINAL ADJUSTABLE REGULATORS
logo
List of Unclassifed Man...
LM317 ETC-LM317 Datasheet
202Kb / 3P
3-TERMINAL 1A POSTIVE ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317 TI-LM317 Datasheet
154Kb / 10P
3-TERMINAL ADJUSTABLE REGULATOR
More results

Similar Description - LM317

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5237L MITSUBISHI-M5237L Datasheet
165Kb / 6P
3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
3-Terminal Adjustable Regulator
LM337L NSC-LM337L Datasheet
89Kb / 5P
3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
3-TERMINAL ADJUSTABLE REGULATOR
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
3-TERMINAL ADJUSTABLE REGULATOR
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com