Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1001 Datasheet(PDF) 11 Page - Microchip Technology

Part # EMC1001
Description  짹1.5째C SMBus Temperature Sensor in Miniature TSOT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1001 Datasheet(HTML) 11 Page - Microchip Technology

Back Button EMC1001_15 Datasheet HTML 7Page - Microchip Technology EMC1001_15 Datasheet HTML 8Page - Microchip Technology EMC1001_15 Datasheet HTML 9Page - Microchip Technology EMC1001_15 Datasheet HTML 10Page - Microchip Technology EMC1001_15 Datasheet HTML 11Page - Microchip Technology EMC1001_15 Datasheet HTML 12Page - Microchip Technology EMC1001_15 Datasheet HTML 13Page - Microchip Technology EMC1001_15 Datasheet HTML 14Page - Microchip Technology EMC1001_15 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
 2015 Microchip Technology Inc.
DS20005411A-page 11
EMC1001
4.4
ADDR/THERM Output
The ADDR/THERM output asserts if the temperature
measurement exceeds the programmable THERM
limit. It can be used to drive a fan or other failsafe
devices. The ADDR/THERM pin is open drain and
requires a pull-up resistor to VDD. The value of this
pull-up resistor determines the slave address per
Table 1-1. The ADDR/THERM pin cannot be masked.
When the ADDR/THERM pin is asserted, it will not
de-assert until the temperature drops below the
THERM limit, minus the THERM Hysteresis value.
FIGURE 4-4:
THERM Response to THERM Limit Exceeded.
4.5
Standby Mode
The EMC1001 can be set to Standby mode (low power)
by setting a bit in the Configuration Register as
described in Section 4.8 “Configuration Register”.
This shuts down all internal analog functions while the
SMBus remains enabled. When the EMC1001 is in
Standby mode, a One-Shot command measurement
can be initiated. The user may also write new values to
the limit registers described in Section 4.10 “Limit
Registers” while in Standby. If the previously stored
temperature is outside any of the new limits, the
ALERT/THERM2 output will respond as described in
Section 4.3 “ALERT/THERM2 Output”
and the
ADDR/THERM output will respond as described in
Section 4.4 “ADDR/THERM Output”.
Temp
Time
THERM Limit
THERM Limit - THERM Hysterisis
THERM
THERM
Hysteresis
Logic High
Logic
Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com