Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1001 Datasheet(PDF) 12 Page - Microchip Technology

Part # EMC1001
Description  짹1.5째C SMBus Temperature Sensor in Miniature TSOT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1001 Datasheet(HTML) 12 Page - Microchip Technology

Back Button EMC1001_15 Datasheet HTML 8Page - Microchip Technology EMC1001_15 Datasheet HTML 9Page - Microchip Technology EMC1001_15 Datasheet HTML 10Page - Microchip Technology EMC1001_15 Datasheet HTML 11Page - Microchip Technology EMC1001_15 Datasheet HTML 12Page - Microchip Technology EMC1001_15 Datasheet HTML 13Page - Microchip Technology EMC1001_15 Datasheet HTML 14Page - Microchip Technology EMC1001_15 Datasheet HTML 15Page - Microchip Technology EMC1001_15 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
EMC1001
DS20005411A-page 12
 2015 Microchip Technology Inc.
4.6
Register Allocation
The registers shown in Table 4-3 are accessible
through the SMBus.
At device power-up, the default values are stored in all
registers. A Power-on Reset (POR) is initiated when
power is first applied to the part and the VDD supply
exceeds the POR threshold. Reads of undefined regis-
ters will return 00h, and writes to undefined registers
will be ignored.
The EMC1001 uses an interlock mechanism that locks
the low-byte value when the high byte register is read.
This prevents updates to the low byte register between
high-byte and low-byte reads. This interlock mecha-
nism requires that the high byte register always be read
prior to reading the low byte register.
TABLE 4-3:
REGISTER MAP
Register Address
(HEX)
Read/Write
Register Name
Power-On Default
00
R
Temperature Value High Byte
0000 0000
01
RC
Status
undefined
02
R
Temperature Value Low Byte
0000 0000
03
R/W
Configuration
0000 0000
04
R/W
Conversion Rate
0000 0100
05
R/W
Temperature High Limit High Byte
0101 0101
(+85°C)
06
R/W
Temperature High Limit Low Byte
0000 0000
07
R/W
Temperature Low Limit High Byte
0000 0000
(0°C)
08
R/W
Temperature Low Limit Low Byte
0000 0000
0F
W
One-Shot
N/A
20
R/W
THERM Limit
0101 0101
(+85°C)
21
R/W
THERM Hysteresis
0000 1010
(+10°C)
22
R/W
SMBus Timeout Enable
1000 0000
FD
R
Product ID Register
0000 0000
(EMC1001)
0000 0001
(EMC1001-1)
FE
R
Manufacture ID
0101 1101
FF
R
Revision Number
0000 0011
(Note 1)
Note 1:
The revision number may change. Please obtain the latest version of this document from the Microchip
web site (www.microchip.com).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com