Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC1001 Datasheet(PDF) 14 Page - Microchip Technology

Part # EMC1001
Description  짹1.5째C SMBus Temperature Sensor in Miniature TSOT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1001 Datasheet(HTML) 14 Page - Microchip Technology

Back Button EMC1001_15 Datasheet HTML 10Page - Microchip Technology EMC1001_15 Datasheet HTML 11Page - Microchip Technology EMC1001_15 Datasheet HTML 12Page - Microchip Technology EMC1001_15 Datasheet HTML 13Page - Microchip Technology EMC1001_15 Datasheet HTML 14Page - Microchip Technology EMC1001_15 Datasheet HTML 15Page - Microchip Technology EMC1001_15 Datasheet HTML 16Page - Microchip Technology EMC1001_15 Datasheet HTML 17Page - Microchip Technology EMC1001_15 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
EMC1001
DS20005411A-page 14
 2015 Microchip Technology Inc.
4.8
Configuration Register
The Configuration register controls the functionality of
the temperature measurements.
REGISTER 4-2:
CONFIGURATION REGISTER
R/W-0
R/W-0
R/W-0
U-0
U-0
U-0
U-0
U-0
MASK1
RUN/STOP
ALERT/THERM2
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
MASK1: Masks the ALERT/THERM2 signal (Note 1).
1
=ALERT is disabled; any out-of-limit condition will not assert the signaled pin
0
=ALERT is enabled; any out-of-limit condition will assert the signaled pin (default)
bit 6
RUN/STOP: Initiates ADC conversions
1
= Standby mode, thus reducing supply current significantly, though the SMBus will still be active
(Note 2)
0
= Active mode (continuously running); the ADC will convert temperatures in a continuous mode
(default)
bit 5
ALERT/THERM2: sets the ALERT/THERM2 pin to act as either an SMBALERT# signal or as the
THERM2 signal.
1
= the ALERT/THERM2 pin acts as the THERM2 signal and Bit 7 is ignored
0
= the ALERT/THERM2 pin acts as the ALERT (SMBALERT#) signal (default)
bit 3-0
Reserved: Unimplemented bit, read as ‘0’.
Note 1:
This bit is ignored if the ALERT/THERM2 pin is configured as THERM2 signal by Bit 5.
2:
If this bit is high and the One-shot register is written to, the ADC will execute a temperature measurement
and then return to Standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com