Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2533F Datasheet(PDF) 15 Page - ams AG

Part # AS2533F
Description  Rx and Tx soft clipping to avoid harsh distortion
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2533F Datasheet(HTML) 15 Page - ams AG

Back Button AS2533F Datasheet HTML 11Page - ams AG AS2533F Datasheet HTML 12Page - ams AG AS2533F Datasheet HTML 13Page - ams AG AS2533F Datasheet HTML 14Page - ams AG AS2533F Datasheet HTML 15Page - ams AG AS2533F Datasheet HTML 16Page - ams AG AS2533F Datasheet HTML 17Page - ams AG AS2533F Datasheet HTML 18Page - ams AG AS2533F Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Data She et AS25 33-36
austriamicrosystems
Revision 8.10
Page 14 of 25
Electrical Characteristics
Absolute maximum ratings
Positive Supply Voltage
-0.3V < VDD < 7V
Input Current
± 25mA
Input Voltage (LS)
-0.3V < VIN < 10V
Input Voltage (LI, CS)
-0.3V < VIN < 8V
Input Voltage (STB, RI)
-2V < VIN < VDD+0.3V
Input Voltage (MO)
-0.3V < VIN < +35V
Digital Input Voltage
-0.3V < VIN < VDD+0.3V
Electrostatic Discharge (HBM 1.5k
Ω-100pF)
± 1000V
Storage Temperature
-65°C to +125°C
Recommended operating conditions
Supply Voltage * (Speech Mode)
3.8V < VDD < 5V
Oscillator Frequency (Resonator: Murata CSA 3.58M G312AM)
3.58 MHz
Operating Temperature
-25°C to +70°C
* This voltage is generated internally
DC Characteristics (ILINE = 15 mA unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
IDD
Operating Current
Speech mode
MF dialing
LD dialing, VDD = 2.5V
Ring mode, VDD = 2.5V
3
4
200
300
5
mA
mA
A
A
IDD0
Retention Current
Idle mode, VDD = 2 V,
TAMB = 25°C
0.05
A
V
LI
Line Voltage (default)
13 mA < ILINE < 100 mA
4.5
V
IOL
Output Current, Sink
CS, HS/DP, MO
VOL = 0.4V
1.5
mA
IOL
Output Current, Sink; LED
VOL = 0.4V
4
mA
VIL
Input Low Voltage
HS/DPN; FCI
TAMB = 25°C
VSS
0.3 VDD
V
VIH
Input High Voltage
HS/DPN; FCI
TAMB = 25°C
0.7 VDD
VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com