Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2533F Datasheet(PDF) 2 Page - ams AG

Part # AS2533F
Description  Rx and Tx soft clipping to avoid harsh distortion
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2533F Datasheet(HTML) 2 Page - ams AG

  AS2533F Datasheet HTML 1Page - ams AG AS2533F Datasheet HTML 2Page - ams AG AS2533F Datasheet HTML 3Page - ams AG AS2533F Datasheet HTML 4Page - ams AG AS2533F Datasheet HTML 5Page - ams AG AS2533F Datasheet HTML 6Page - ams AG AS2533F Datasheet HTML 7Page - ams AG AS2533F Datasheet HTML 8Page - ams AG AS2533F Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Revision 8.10
Page 1 of 25
austriamicrosystems
General Description
The AS253x is a CMOS integrated circuit that contains all
the functions needed to build a high performance electronic
telephone set with basic features.
The AS253x incorporates a line interface, a speech circuit,
a dialler and ringer. It is a real single-chip / single-die IC
with 28 pins. It allows either package mounting or chip-on-
board mounting.
The device is available in 4 versions (pin-compatible) with
different features ranging from LNR only (last number
redial) to 4 direct (one-touch) memories and 10 indirect
(two-touch) memories. The sliding cursor procedure makes
the LNR function easy to use under various PABX systems.
The versatility of the circuit is provided by pin options and a
few external components. This allows fast time-to-market
and easy adaptation to different PTT requirements. A
unique EMI performance has been achieved due to the
consequent use of CMOS amplifiers.
Key Features
Line Interface and Speech Circuit
-
Electronic Rx volume control
-
Electronic microphone mute
-
Microphone amplifier with symmetrical input
-
Rx and Tx soft clipping to avoid harsh distortion
-
Real or complex impedance (EU compliant)
-
Stabilized supply for dialler and peripherals
-
Automatic line loss compensation
-
Operating range from 13 to 100 mA (down to 5 mA with
reduced performance)
-
Unique EMI performance (EU compliant)
Dialler
-
LD/MF dialing and mixed-mode dialing
-
31 digit last number redial (LNR)
-
4 direct/10 indirect (AS2533/36), 12 direct (AS2535)
-
Repeat dialing by busy or engaged (not AS2535)
-
Confidence tone during memory programming and mute
-
Notepad memory function
-
Pause key for access pause or wait function
-
3 flash timings, 100 ms, 280 ms and 375/600 ms
-
Sliding cursor protocol with comparison
Ringer
-
Ring frequency discrimination
-
3-tone melody generator
-
Ring melody selection via keyboard
-
Ring volume selection via keyboard
-
Version available with fixed ring melody and ring volume
Package
-
SOIC 28 or DIE
Block Diagram
Figure 1 Block Diagram
Multi-Standard CMOS Telephone IC
for Basic Telephones
AS2533-36
DATA SHEET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com