Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2533F Datasheet(PDF) 20 Page - ams AG

Part # AS2533F
Description  Rx and Tx soft clipping to avoid harsh distortion
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2533F Datasheet(HTML) 20 Page - ams AG

Back Button AS2533F Datasheet HTML 16Page - ams AG AS2533F Datasheet HTML 17Page - ams AG AS2533F Datasheet HTML 18Page - ams AG AS2533F Datasheet HTML 19Page - ams AG AS2533F Datasheet HTML 20Page - ams AG AS2533F Datasheet HTML 21Page - ams AG AS2533F Datasheet HTML 22Page - ams AG AS2533F Datasheet HTML 23Page - ams AG AS2533F Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Data She et AS25 33-36
austriamicrosystems
Revision 8.10
Page 19 of 25
Characteristic Curves (Typical)
0
1
2
3
4
5
6
7
8
0
10
20
30
40
50
60
70
80
90
100
Line Current [mA]
VLI
VLS
Typically
No AC signals
Tamb: 25°C
Figure 1 2 DC Ma sk
Figure 10 Receive Soft Clipping and Dis tortion
Figure 11 Transmit Soft Clipping and Distortion
0,0
0,2
0,4
0,6
0,8
1,0
1,2
0,00
0,25
0,50
0,75
1,00
1,25
1,50
1,75
2,00
Line Input Voltage (LS)
0
1
2
3
4
5
6
7
8
9
10
11
12
[Vp]
[Vp]
VRO
THD
Line Current: 20mA
Frequency: 800Hz
Tamb: 25°C
Typically
soft clipping
[%]
0,0
0,5
1,0
1,5
2,0
2,5
0
25
50
75
100
125
150
Microphone Input Voltage (M1/M2)
0
1
2
3
4
5
6
7
8
9
10
[Vp]
[mVp]
VLS
THD
Line Current: 20mA
Frequency: 800Hz
Tamb: 25°C
Typically
soft clipping
[%]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com