Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2533W Datasheet(PDF) 18 Page - ams AG

Part # AS2533W
Description  Rx and Tx soft clipping to avoid harsh distortion
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2533W Datasheet(HTML) 18 Page - ams AG

Back Button AS2533W Datasheet HTML 14Page - ams AG AS2533W Datasheet HTML 15Page - ams AG AS2533W Datasheet HTML 16Page - ams AG AS2533W Datasheet HTML 17Page - ams AG AS2533W Datasheet HTML 18Page - ams AG AS2533W Datasheet HTML 19Page - ams AG AS2533W Datasheet HTML 20Page - ams AG AS2533W Datasheet HTML 21Page - ams AG AS2533W Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Data She et AS25 33-36
austriamicrosystems
Revision 8.10
Page 17 of 25
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tFD
Flash Duration 1
R1 key
100
102
ms
Flash Duration 2
R2 key
270
300
ms
Flash Duration 3
R3 key (AS2533/34/35/36)
600
650
ms
tPFP
Post Flash Pause
274
ms
tAP
Access Pause
Note 8
2.0
2.05
2.12
sec
tRP
Repeat Break Time
1.6
sec
Tone Ringer
VMO
Melody Output
PDM
tMD
Melody Delay
10
ms
F1
Frequency 1
800
Hz
F2
Frequency 2
1067
Hz
F3
Frequency 3
1333
Hz
tDT
Detection Time
Initial
1/f + 73ms
s
tTO
Detection Time-out
note 4
ms
fMIN
Min. Detection Frequency
13
Hz
fMAX
Max. Detection Frequency
70
Hz
Pacifier Tone
Program Mode Only
fPT
Frequency
P/M mode, key entry
1477
Hz
VRT
Level (RO)
Key entry
60
mV
tRTD-E
Duration, Key Entry
Valid key entry, prog.
40
ms
tRTD-A
Duration, Acknowledge
Terminate with P/M key
140
ms
tRTD-R
Duration, Reject
Invalid key entry, note 7
4x40
ms
LED Output
tLED-ON
"on-time"
P/M state
80
ms
tLED-OFF
Interval
P/M state
1
sec
Comfort Tone (DTMF)
VCT
Level (RO)
Relative to LS
-30
dBr
Note 1: The values are valid during automatic dialing and
are minimum values during manual dialing, i.e. the
tones will continue as long as the key is depressed.
Note 2: The rise time is the time from 10% of final value till
the tone amplitude has reached 90 % of its final
value.
Note 3: Relative to high group.
Note 4: The FCI circuit is reset by POR and HS/DPN pulled
high (off-hook). After a reset the FCI circuit is in a
standby state. A positive edge on FCI will start a 73
ms timer and the frequency discrimination is
initiated. Whenever a period of the ring signal is
missing, the timer is reset. When a valid ring signal
is present for 73 ms, the melody generator is
started and is directly controlled by the ring signal.
This condition will remain until a new reset.
Note 5: This does not include the frequency deviation of the
ceramic resonator.
Note 6: During temporary MF mode.
Note 7: An invalid key entry in program mode will invoke a
tone sequence with 4 tone bursts of 40 ms and
pauses between bursts of 28 ms and abort the
program mode.
Note 8: Pauses inserted within the first 5 entries of a digit
string will be automatically terminated after 2
seconds. Pauses inserted after location 5 can only
be terminated manually by pressing the PS or LNR
key.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com