Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2533W Datasheet(PDF) 4 Page - ams AG

Part # AS2533W
Description  Rx and Tx soft clipping to avoid harsh distortion
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2533W Datasheet(HTML) 4 Page - ams AG

  AS2533W Datasheet HTML 1Page - ams AG AS2533W Datasheet HTML 2Page - ams AG AS2533W Datasheet HTML 3Page - ams AG AS2533W Datasheet HTML 4Page - ams AG AS2533W Datasheet HTML 5Page - ams AG AS2533W Datasheet HTML 6Page - ams AG AS2533W Datasheet HTML 7Page - ams AG AS2533W Datasheet HTML 8Page - ams AG AS2533W Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Data She et AS25 33-36
austriamicrosystems
Revision 8.10
Page 3 of 25
Pin #
Symbol
Function
17
18
19
20
R4
R3
R2
R1
Keyboard Rows
(see key arrangements in Figure 2, Figure 3 and Figure 4)
21
FCI
Frequency Comparator Input
This is a Schmitt trigger input for ring frequency discrimination. Disabled during off-hook.
22
LED
LED Output Driver
Output for driving an LED that will be flashing when in Program/Mute state.
23
24
M1
M2
Microphone Inputs
Differential inputs for the microphone (electret).
25
CS
Current Shunt Control Output
This N-channel open drain output controls the external high power shunt transistor for the modulation
of the line voltage and for shorting the line during make period of pulse dialing.
26
VSS
Negative Power Supply
27
LI
Line Input
This input is used for power extraction and line current sensing.
28
RI
Receive Input
This is the input for the receive signal.
1
LS
Line Current Sense Input
This is the input for sensing the line current.
2
MFL
MF Level Setting
A voltage divider connected from this pin to AGND and VSS can be used to set the DTMF level.
3
RO
Receive Output
This is the output for driving a dynamic earpiece with an impedance of 150 to 300
Ω.
Selection Overview
Function
AS2533
AS2534/34R
AS2535
AS2536
Direct memories (one-key)
4
0
12
4
Indirect memories (two-key)
10
0
0
10
Repeat dialing
yes
yes
no
yes
LNR key
yes
yes
yes
yes
Pause insertion by LNR key
yes
yes
yes
yes
Pause (PS) key
yes
yes
no
yes
P/M or MT key
P/M
P/M
P/M
P/M
Tone/Pulse (T/P) key
yes
yes
no
yes
Temporary MF by * key
yes
yes
yes
yes
Centrex (A - D) keys
yes
yes
no
yes
Volume (VOL, –/+) keys
yes
yes
yes
yes
Volume reset by off-hook
yes
no
yes
no
Programming of tone ringer
yes
AS2534:yes
AS2534R: no
yes
yes
R3 Flash duration
600 ms
600 ms
600 ms
600 ms
The corresponding product (AS2533-36) can be selected via bond-options (see chapter “Bond options” for details).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com