Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2533W Datasheet(PDF) 3 Page - ams AG

Part # AS2533W
Description  Rx and Tx soft clipping to avoid harsh distortion
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2533W Datasheet(HTML) 3 Page - ams AG

  AS2533W Datasheet HTML 1Page - ams AG AS2533W Datasheet HTML 2Page - ams AG AS2533W Datasheet HTML 3Page - ams AG AS2533W Datasheet HTML 4Page - ams AG AS2533W Datasheet HTML 5Page - ams AG AS2533W Datasheet HTML 6Page - ams AG AS2533W Datasheet HTML 7Page - ams AG AS2533W Datasheet HTML 8Page - ams AG AS2533W Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Data She et AS25 33-36
austriamicrosystems
Revision 8.10
Page 2 of 25
Pin Description
Pin #
Symbol
Function
4
VDD
Positive Voltage Supply
This is the supply pin for the circuit.
5
AGND
Analog Ground
This is the analogue ground for the amplifiers.
6
STB
Side Tone Balance Input
This is the input for side tone cancellation.
7
CI
Complex Impedance Pin
For complex impedance a capacitor should be connected to
8
MO
Melody Output
PDM output of the melody generator for tone ringing with internal open-drain transistor.
Hi-Z when not active.
9
LLC
Line Loss Compensation
Select pin for line loss compensation (see also Figure 6 and Figure 7).
LLC = AGND : 20 - 50 mA LLC = VDD : 45 - 75 mA LLC = VSS : none.
10
HS/DP
Hook Switch Input and Dial Pulse Output
This is an I/O that is pulled high by the hook switch when off-hook and an open drain pulls it low
during break periods of pulse dialing and flash.
11
OSC
OSCillator Input
Pin for ceramic resonator (3.58 MHz).
Reference:
Murata CSTCC3M58GD3346-R0
SMD
Murata CSTLS3M58GD3458-B0
Lead
12
MODE
Signaling
MODE Select Input
Mode pin
Function
Open
Dialing inhibited
Row 1
LD mode, 10 pps, 33/66 ms
Row 2
LD mode, 10 pps, 40/60 ms
Row 3
LD mode, 20 pps, 33/66 ms
Row 4
LD mode, 20 pps, 40/60 ms
Row 5
LD mode, 10 pps, 33/66 ms, Temp. MF with tone on first * key entry
Row 61
MF only, 82/82 ms
Row 7
MF only, 82/160 ms
During temporary MF: 82/160 ms
13
14
15
16
C4
C3
C2
C1
Keyboard Columns
(see key arrangements in Figure 2, Figure 3 and Figure 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com