Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB522P Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB522P
Description  3.3 V Dual-Channel USB 3.1 GEN 1 Redriver, Equalizer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB522P Datasheet(HTML) 5 Page - Texas Instruments

  TUSB522P Datasheet HTML 1Page - Texas Instruments TUSB522P Datasheet HTML 2Page - Texas Instruments TUSB522P Datasheet HTML 3Page - Texas Instruments TUSB522P Datasheet HTML 4Page - Texas Instruments TUSB522P Datasheet HTML 5Page - Texas Instruments TUSB522P Datasheet HTML 6Page - Texas Instruments TUSB522P Datasheet HTML 7Page - Texas Instruments TUSB522P Datasheet HTML 8Page - Texas Instruments TUSB522P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5
TUSB522P
www.ti.com
SLLSEV9A – JULY 2016 – REVISED OCTOBER 2016
Product Folder Links: TUSB522P
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
TUSB522P
UNIT
RGE (VQFN)
24 PINS
RθJA
Junction-to-ambient thermal resistance
51.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
55.9
°C/W
RθJB
Junction-to-board thermal resistance
28.3
°C/W
ψJT
Junction-to-top characterization parameter
2.0
°C/W
ψJB
Junction-to-board characterization parameter
28.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
9.7
°C/W
6.5 Electrical Characteristics, Power Supply
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC(ACTIVE)
Average active current
Link in U0 with GEN1 data transmission.
RSV, EQ cntrl pins = NC, EN_RXD = VCC,
k28.5 pattern at 5 Gbps,
VID = 1000 mVpp, OS = 900 mV and DE =
3.5 dB
98
mA
ICC(U2U3)
Average current in U2/U3
Link in U2 or U3
1.2
mA
ICC(NC)
Average current disconnect mode
Link in Disconnect mode
265
µA
ICC(SHUTDOWN)
Average shutdown current
EN_RXD = L
60
µA
6.6 Electrical Characteristics, DC
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
3-State CMOS Inputs(EQ1/2, DE1/2)
VIH
High-level input voltage
VCC x 0.8
V
VIM
Mid-level input voltage
VCC / 2.
V
VIL
Low-level input voltage
VCC x 0.2
V
VF
Floating voltage
VIN = High impedance
0.36 x VCC
V
RPU
Internal pull-up resistance
410
kΩ
RPD
Internal pull-down resistance
240
kΩ
IIH
High-level input current
VIN = 3.6 V
26
µA
IIL
Low-level input current
VIN = GND, VCC = 3.6.V
–26
µA
2-State CMOS Input (OS1/2, EN_RXD)
VIH
High-level input voltage
VCC x 0.7
V
VIL
Low-level input voltage
VCC x 0.3
V
RPD
Internal pull-down resistance
660
kΩ
IIH
Low-level input current
VIN = 3.6 V
25
µA
IIL
Low-level input current
VIN = GND, VCC = 3.6.V
–10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com