Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB522P Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB522P
Description  3.3 V Dual-Channel USB 3.1 GEN 1 Redriver, Equalizer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB522P Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB522P Datasheet HTML 6Page - Texas Instruments TUSB522P Datasheet HTML 7Page - Texas Instruments TUSB522P Datasheet HTML 8Page - Texas Instruments TUSB522P Datasheet HTML 9Page - Texas Instruments TUSB522P Datasheet HTML 10Page - Texas Instruments TUSB522P Datasheet HTML 11Page - Texas Instruments TUSB522P Datasheet HTML 12Page - Texas Instruments TUSB522P Datasheet HTML 13Page - Texas Instruments TUSB522P Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
TUSB522P
SLLSEV9A – JULY 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: TUSB522P
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.4 Device Functional Modes
7.4.1 Device Configuration
Table 1. Control Pin Settings (Typical Values)
PIN
DESCRIPTION
LOGIC STATE
GAIN
EQ1/EQ2
Equalization Amount
Low
3 dB
Floating
6 dB
High
9 dB
PIN
DESCRIPTION
LOGIC STATE
OUTPUT DIFFERENTIAL VOLTAGE FOR
THE TRANSISTION BIT
OS1/OS2
Output Swing Amplitude
LOW
0.9 Vpp
HIGH
1.1 Vpp
PIN
DESCRIPTION
LOGIC STATE
DE-EMPHASIS RATIO
FOR OS = LOW
FOR OS = HIGH
DE1/DE2
De-Emphasis Amount
Low
0 dB
–2.6 dB
Floating
–3.5 dB
–5.9 dB
High
–6.2 dB
–8.3 dB
7.4.2 Power Modes
The TUSB522P has 3 primary power modes:
7.4.2.1 U0 Mode (Active Power Mode)
During active power mode, U0, the device is transmitting USB SS data or USB LFPS signaling. The U0 mode is
the highest power state of the TUSB522P. Anytime super-speed traffic is being received, the TUSB522P remains
in this mode.
7.4.2.2 U2/U3 (Low Power Mode)
While in this mode, the TUSB522P periodically performs far-end receiver detection.
7.4.2.3 Disconnect Mode - RX Detect
In this state, the TUSB522P periodically checks for far-end receiver termination on both TX. Upon detection of
the far-end receiver’s termination on both ports, the TUSB522P will transition to U0 mode.
7.4.2.4 Shutdown Mode
Shutdown mode is entered when the EN_RXD pin is driven low. This is lowest power setting for the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com