Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB522P Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB522P
Description  3.3 V Dual-Channel USB 3.1 GEN 1 Redriver, Equalizer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB522P Datasheet(HTML) 14 Page - Texas Instruments

Back Button TUSB522P Datasheet HTML 10Page - Texas Instruments TUSB522P Datasheet HTML 11Page - Texas Instruments TUSB522P Datasheet HTML 12Page - Texas Instruments TUSB522P Datasheet HTML 13Page - Texas Instruments TUSB522P Datasheet HTML 14Page - Texas Instruments TUSB522P Datasheet HTML 15Page - Texas Instruments TUSB522P Datasheet HTML 16Page - Texas Instruments TUSB522P Datasheet HTML 17Page - Texas Instruments TUSB522P Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
14
TUSB522P
SLLSEV9A – JULY 2016 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: TUSB522P
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
10 Layout
10.1 Layout Guidelines
•
RXP/N and TXP/N pairs should be routed with controlled 90-Ω differential impedance (±15%).
•
Keep away from other high speed signals.
•
Intra-pair routing should be kept to within 2mils.
•
Length matching should be near the location of mismatch.
•
Each pair should be separated at least by 3 times the signal trace width.
•
The use of bends in differential traces should be kept to a minimum. When bends are used, the number of left
and right bends should be as equal as possible and the angle of the bend should be
≥ 135 degrees. This will
minimize any length mismatch causes by the bends and therefore minimize the impact bends have on EMI.
•
Route all differential pairs on the same of layer.
•
The number of VIAS should be kept to a minimum. It is recommended to keep the VIAS count to 2 or less.
•
Keep traces on layers adjacent to ground plane.
•
Do NOT route differential pairs over any plane split.
•
Adding Test points will cause impedance discontinuity; and will therefore, negatively impact signal
performance. If test points are used, they should be placed in series and symmetrically. They must not be
placed in a manner that causes a stub on the differential pair.
•
The 100-nF capacitors on the TXP and SSTXN nets must be placed close to the USB connector (Type A,
Type B, and so forth).
•
The ESD and EMI protection devices (if used) must also be placed as close as possible to the USB
connector.
•
Place voltage regulators as far away as possible from the differential pairs.
•
In order to minimize crosstalk, TI recommends keeping high-speed signals away from each other. Each pair
must be separated by at least 5 times the signal trace width. Separating with ground also helps minimize
crosstalk.
10.2 Layout Example
Figure 3. Example Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com