Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1002IRGET Datasheet(PDF) 2 Page - Texas Instruments

Part # TUSB1002IRGET
Description  USB3.1 10 Gbps Dual-Channel Linear Redriver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1002IRGET Datasheet(HTML) 2 Page - Texas Instruments

  TUSB1002IRGET Datasheet HTML 1Page - Texas Instruments TUSB1002IRGET Datasheet HTML 2Page - Texas Instruments TUSB1002IRGET Datasheet HTML 3Page - Texas Instruments TUSB1002IRGET Datasheet HTML 4Page - Texas Instruments TUSB1002IRGET Datasheet HTML 5Page - Texas Instruments TUSB1002IRGET Datasheet HTML 6Page - Texas Instruments TUSB1002IRGET Datasheet HTML 7Page - Texas Instruments TUSB1002IRGET Datasheet HTML 8Page - Texas Instruments TUSB1002IRGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
TUSB1002
SLLSEU4A – MAY 2016 – REVISED MAY 2016
www.ti.com
Product Folder Links: TUSB1002
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 5
6.1
Absolute Maximum Ratings ...................................... 5
6.2
ESD Ratings.............................................................. 5
6.3
Recommended Operating Conditions ....................... 5
6.4
Thermal Information .................................................. 5
6.5
Electrical Characteristics, Power Supply .................. 6
6.6
Electrical Characteristics........................................... 6
6.7
Power-Up Requirements........................................... 8
6.8
Timing Requirements ................................................ 8
6.9
Switching Characteristics .......................................... 8
6.10
Typical Characteristics .......................................... 10
7
Detailed Description ............................................ 13
7.1
Overview ................................................................. 13
7.2
Functional Block Diagram ....................................... 13
7.3
Feature Description................................................. 14
7.4
Device Functional Modes........................................ 16
7.5
U0 Mode.................................................................. 16
7.6
U1 Mode.................................................................. 16
7.7
U2/U3 Mode ............................................................ 17
8
Application and Implementation ........................ 18
8.1
Application Information............................................ 18
8.2
Typical Application ................................................. 18
9
Power Supply Recommendations ...................... 21
10
Layout................................................................... 21
10.1
Layout Guidelines ................................................. 21
10.2
Layout Example .................................................... 22
11
Device and Documentation Support ................. 23
11.1
Community Resources.......................................... 23
11.2
Trademarks ........................................................... 23
11.3
Electrostatic Discharge Caution ............................ 23
11.4
Glossary ................................................................ 23
12
Mechanical, Packaging, and Orderable
Information ........................................................... 23
4 Revision History
Changes from Original (May 2016) to Revision A
Page
•
Changed device status From: Preview To: Production ......................................................................................................... 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com