Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1002IRGET Datasheet(PDF) 21 Page - Texas Instruments

Part # TUSB1002IRGET
Description  USB3.1 10 Gbps Dual-Channel Linear Redriver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1002IRGET Datasheet(HTML) 21 Page - Texas Instruments

Back Button TUSB1002IRGET Datasheet HTML 17Page - Texas Instruments TUSB1002IRGET Datasheet HTML 18Page - Texas Instruments TUSB1002IRGET Datasheet HTML 19Page - Texas Instruments TUSB1002IRGET Datasheet HTML 20Page - Texas Instruments TUSB1002IRGET Datasheet HTML 21Page - Texas Instruments TUSB1002IRGET Datasheet HTML 22Page - Texas Instruments TUSB1002IRGET Datasheet HTML 23Page - Texas Instruments TUSB1002IRGET Datasheet HTML 24Page - Texas Instruments TUSB1002IRGET Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
TUSB1002
www.ti.com
SLLSEU4A – MAY 2016 – REVISED MAY 2016
Product Folder Links: TUSB1002
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
9 Power Supply Recommendations
The TUSB1002 has two VCC supply pins. It is recommended to place a 100nF de-coupling capacitor near each of
the VCC pins. It is also recommended to have at least one bulk capacitor of at least 10µF on the VCC plane near
the TUSB1002.
10 Layout
10.1 Layout Guidelines
RXP/N and TXP/N pairs should be routed with controlled 90-Ω differential impedance (±15%).
Keep away from other high speed signals.
Intra-pair routing should be kept to within 2 mils.
Length matching should be near the location of mismatch
Each pair should be separated at least by 3 times the signal trace width.
The use of bends in differential traces should be kept to a minimum. When bends are used, the number of left
and right bends should be as equal as possible and the angle of the bend should be
≥ 135 degrees. This
minimizes any length mismatch causes by the bends; ad therefore, minimize the impact bends have on EMI.
Route all differential pairs on the same of layer.
The number of VIAS should be kept to a minimum. It is recommended to keep the VIAS count to 2 or less.
Keep traces on layers adjacent to ground plane.
Do NOT route differential pairs over any plane split.
Adding Test points causes impedance discontinuity; and therefore, negatively impact signal performance. If
test points are used, they should be placed in series and symmetrically. They must not be placed in a manner
that causes a stub on the differential pair.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com