Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1002IRGET Datasheet(PDF) 14 Page - Texas Instruments

Part # TUSB1002IRGET
Description  USB3.1 10 Gbps Dual-Channel Linear Redriver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1002IRGET Datasheet(HTML) 14 Page - Texas Instruments

Back Button TUSB1002IRGET Datasheet HTML 10Page - Texas Instruments TUSB1002IRGET Datasheet HTML 11Page - Texas Instruments TUSB1002IRGET Datasheet HTML 12Page - Texas Instruments TUSB1002IRGET Datasheet HTML 13Page - Texas Instruments TUSB1002IRGET Datasheet HTML 14Page - Texas Instruments TUSB1002IRGET Datasheet HTML 15Page - Texas Instruments TUSB1002IRGET Datasheet HTML 16Page - Texas Instruments TUSB1002IRGET Datasheet HTML 17Page - Texas Instruments TUSB1002IRGET Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
14
TUSB1002
SLLSEU4A – MAY 2016 – REVISED MAY 2016
www.ti.com
Product Folder Links: TUSB1002
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 4-Level Control Inputs
The TUSB1002 has (MODE, CFG1, CFG2, CH1_EQ1, CH1_EQ2, CH2_EQ1, and CH2_EQ2) 4-level inputs pins
that are used to control the equalization gain and the output voltage swing dynamic range. These 4-level inputs
use a resistor divider to help set the 4 valid levels and provide a wider range of control settings. There is an
internal 45 k
Ω pull-up and a 95 kΩ pull-down. These resistors, together with the external resistor connection
combine to achieve the desired voltage level.
Table 1. 4-Level Control Pin Settings
LEVEL
SETTINGS
0
Option 1: Tie 1 K
Ω 5% to GND.
Option 2: Tie directly to GND.
R
Tie 20 K
Ω 5% to GND.
F
Float (leave pin open)
1
Option 1: Tie 1 K
Ω 5% to VCC.
Option 2: Tie directly to VCC.
NOTE
In order to conserve power, the TUSB1002 disables 4-level input’s internal pull-up/pull-
down resistors after the state of 4-level pins have been sampled on rising edge of EN. A
change of state for any four level input pin is not applied to TUSB1002 until after EN pin
transitions from low to high.
7.3.2 Linear Equalization
With a linear equalizer, the TUSB1002 can electrically shorten a particular channel allowing for longer run
lengths.
Figure 16. Linear Equalizer
With a TUSB1002, the 28 in trace can be made to have similar insertion loss as the 12 inch trace.
The receiver equalization level for each channel is determined by the state of the CHx_EQ1 and CHx_EQ2 pins,
where x = 1 or 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com