Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1002RGET Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1002RGET
Description  USB3.1 10 Gbps Dual-Channel Linear Redriver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1002RGET Datasheet(HTML) 3 Page - Texas Instruments

  TUSB1002RGET Datasheet HTML 1Page - Texas Instruments TUSB1002RGET Datasheet HTML 2Page - Texas Instruments TUSB1002RGET Datasheet HTML 3Page - Texas Instruments TUSB1002RGET Datasheet HTML 4Page - Texas Instruments TUSB1002RGET Datasheet HTML 5Page - Texas Instruments TUSB1002RGET Datasheet HTML 6Page - Texas Instruments TUSB1002RGET Datasheet HTML 7Page - Texas Instruments TUSB1002RGET Datasheet HTML 8Page - Texas Instruments TUSB1002RGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
5
4
3
2
1
RX2P
GND
RX2N
TX1N
RX1P
TX2N
TX2P
GND
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
MODE
RSVD1
+
-
+
-
RXIN
TX1P
5
4
3
2
1
RX2P
TX1P
GND
RX2N
TX1N
RX1P
TX2N
TX2P
GND
RX1N
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
MODE
NC
NC
RSVD1
3
TUSB1002
www.ti.com
SLLSEU4A – MAY 2016 – REVISED MAY 2016
Product Folder Links: TUSB1002
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
RGE Package
24-Pin VQFN
Top View
RMQ Package
24-Pin WQFN
Top View
Pin Functions
PIN
TYPE
INTERNAL PULLUP
PULLDOWN
DESCRIPTION
NAME
RGE
RMQ
RX1P
9
8
90
Ω Differential
Input
Differential input for SuperSpeed (SS) and SuperSpeedPlus (SSP)
positive signals for Channel 1
RX1N
8
7
Differential input for SuperSpeed (SS) and SuperSpeedPlus (SSP)
negative signals for Channel 1
RX2P
19
19
90
Ω Differential
Input
Differential input for SuperSpeed (SS) and SuperSpeedPlus (SSP)
positive signals for Channel 2
RX2N
20
20
Differential input for SuperSpeed (SS) and SuperSpeedPlus (SSP)
negative signals for Channel 2.
TX1P
22
22
90
Ω Differential
Output
Differential output for SuperSpeed (SS) and SuperSpeedPlus (SSP)
positive signals for Channel 1.
TX1N
23
23
Differential output for SuperSpeed (SS) and SuperSpeedPlus (SSP)
negative signals for Channel 1.
TX2P
12
11
90
Ω Differential
Output
Differential output for SuperSpeed (SS) and SuperSpeedPlus (SSP)
positive signals for Channel 2.
TX2N
11
10
Differential output for SuperSpeed (SS) and SuperSpeedPlus (SSP)
negative signals for Channel 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com