Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1002RGET Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1002RGET
Description  USB3.1 10 Gbps Dual-Channel Linear Redriver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1002RGET Datasheet(HTML) 4 Page - Texas Instruments

  TUSB1002RGET Datasheet HTML 1Page - Texas Instruments TUSB1002RGET Datasheet HTML 2Page - Texas Instruments TUSB1002RGET Datasheet HTML 3Page - Texas Instruments TUSB1002RGET Datasheet HTML 4Page - Texas Instruments TUSB1002RGET Datasheet HTML 5Page - Texas Instruments TUSB1002RGET Datasheet HTML 6Page - Texas Instruments TUSB1002RGET Datasheet HTML 7Page - Texas Instruments TUSB1002RGET Datasheet HTML 8Page - Texas Instruments TUSB1002RGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
TUSB1002
SLLSEU4A – MAY 2016 – REVISED MAY 2016
www.ti.com
Product Folder Links: TUSB1002
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Pin Functions (continued)
PIN
TYPE
INTERNAL PULLUP
PULLDOWN
DESCRIPTION
NAME
RGE
RMQ
CH1_EQ1
2
2
I (4-level)
PU (approx 45K)
PD (approx 95K)
CH1_EQ1. Configuration pin used to control Rx EQ level for RX1P/N. The
state of this pin is sampled after the rising edge of EN. Refer to Figure 2
for details of timing. This pin along with CH1_EQ2 allows for up to 14
equalization settings.
CH1_EQ2
3
3
I (4-level)
CH1_EQ2. Configuration pin used to control Rx EQ level for RX1P/N. The
state of this pin is sampled after the rising edge of EN. Refer to Figure 2
for details of timing. This pin along with CH1_EQ1 allows for up to 14
equalization settings.
CH2_EQ1
16
16
I (4-level)
CH2_EQ1. Configuration pin used to control Rx EQ level for RX2P/N. The
state of this pin is sampled after the rising edge of EN. Refer to Figure 2
for details of timing. This pin along with CH2_EQ2 allows for up to 14
equalization settings.
CH2_EQ2
17
17
I (4-level)
CH2_EQ2. Configuration pin used to control Rx EQ level for RX2P/N. The
state of this pin is sampled after the rising edge of EN. Refer to Figure 2
for details of timing. This pin along with CH2_EQ1 allows for up to 14
equalization settings.
EN
5
5
I (2-level)
PU (approx 400 K)
EN. Places TUSB1002 into shutdown mode when asserted low. Normal
operation when pin is asserted high. When in shutdown, TUSB1002’s
receiver terminations will be high impedance and tx/rx channels will be
disabled.
CFG1
4
4
I (4-level)
PU (approx 45K)
PD (approx 95K)
CFG1. This pin along with CFG2 will select VOD linearity range and DC
gain for both channels 1 and 2. The state of this pin is sampled after the
rising edge of EN. Refer to Figure 2 for details of timing. Refer to Table 3
for VOD linearity range and DC gain options.
CFG2
15
15
I (4-level)
CFG2. This pin along with CFG1 will set VOD linearity range and DC gain
for both channels 1 and 2. The state of this pin is sampled after the rising
edge of EN. Refer to Figure 2 for details of timing. Refer to Table 3 for
VOD linearity range and DC gain options.
MODE
7
6
I (4-level)
PU (approx 45 K)
PD (approx 95K)
MODE. This pin is for selecting different modes of operation. The state of
this pin is sampled after the rising edge of EN. Refer to Figure 2 for
details of timing.
0 = Test Mode. TI Internal Use Only.
R = Test Mode. TI Internal use only
F = USB3.1 Dual Channel Operation enabled (TUSB1002 normal mode).
1 = USB3.1 Single-channel operation.
Customers using the RMQ package should leave this pin floating or
unconnected.
RSVD1
24
24
O
RSVD1. Under normal operation, this pin will be driven low by TUSB1002.
Recommend leaving this pin unconnected on PCB.
SLP_S0#
14
14
I (2-level)
PU (approx 400 K)
SLP_S0#. This pin when asserted low will disable Receiver Detect
functionality. While this pin low and TUSB1002 is in U2/U3, TUSB1002
disables LOS and LFPS detection circuitry and Rx termination for both
channels will remain enabled. If this pin is low and TUSB1002 is in
Disconnect state, the Rx detect functionality is disabled and Rx
termination for both channels will be disabled. If the system SoC does not
support a GPIO that indicates system sleep state, then it is recommended
to leave this pin unconnected.
0 – Rx Detect disabled
1 – Rx Detect enabled
NC
12, 18
No Connect. Leave unconnected on PCB.
VCC
1, 13
1, 13
Power
3.3 V (±10%) Supply.
GND
6, 10, 18,
21
9, 21
GND
Ground
Thermal pad
Thermal pad. Recommend connecting to a solid ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com