Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1002RGET Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB1002RGET
Description  USB3.1 10 Gbps Dual-Channel Linear Redriver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1002RGET Datasheet(HTML) 6 Page - Texas Instruments

Back Button TUSB1002RGET Datasheet HTML 2Page - Texas Instruments TUSB1002RGET Datasheet HTML 3Page - Texas Instruments TUSB1002RGET Datasheet HTML 4Page - Texas Instruments TUSB1002RGET Datasheet HTML 5Page - Texas Instruments TUSB1002RGET Datasheet HTML 6Page - Texas Instruments TUSB1002RGET Datasheet HTML 7Page - Texas Instruments TUSB1002RGET Datasheet HTML 8Page - Texas Instruments TUSB1002RGET Datasheet HTML 9Page - Texas Instruments TUSB1002RGET Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
TUSB1002
SLLSEU4A – MAY 2016 – REVISED MAY 2016
www.ti.com
Product Folder Links: TUSB1002
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.5 Electrical Characteristics, Power Supply
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
P(U0_SSP_1200mV)
TUSB1002 power under normal operation
in U0 operating a SuperSpeedPlus
datarate with linear range set to 1200mV.
At 10 Gbps; VCC supply stable; VCC = 3.3
V; VOD = 1200 mVpp; Pattern = CP9
340
mW
P(U0_SSP_1000mV)
TUSB1002 power under normal operation
in U0 operating a SuperSpeedPlus
datarate with linear range set to 1000mV.
At 10 Gbps; VCC supply stable; VCC = 3.3
V; VOD = 1000 mVpp; Pattern = CP9
325
mW
P(U0_SSP_900mV)
TUSB1002 power under normal operation
in U0 operating a SuperSpeedPlus
datarate with linear range set to 900mV.
At 10 Gbps; VCC supply stable; VCC = 3.3
V; VOD = 900 mVpp; Pattern = CP9
298
mW
P(U0_SS_1200mV)
TUSB1002 power under normal operation
in U0 operating a SuperSpeed datarate.
At 5 Gbps; VCC supply stable; VCC = 3.3 V;
VOD = 1200 mVpp; Pattern = CP0.
340
mW
P(U1)
TUSB1002 power when U1.
In U1; VCC supply stable; VCC = 3.3 V;
VOD = 1200 mVpp
340
mW
P(U2U3)
TUSB1002 power when in U2/U3.
Both channels 1 and 2 in U2/U3; VCC
supply stable; VCC = 3.3 V;
8
mW
P(U2U3_SLP)
TUSB1002 power when in U2/U3 and
SLP_S0# is low.
Both channels 1 and 2 in U2/U3; VCC
supply stable; VCC = 3.3 V;
0.850
mW
P(DISCONNECT_NON
E)
TUSB1002 power when no USB device
detected on both TX1P/N or TX2P/N.
RX1 and RX2 termination disabled; VCC
supply stable; VCC = 3.3 V
2
mW
P(DISCONNECT_ONE
)
TUSB1002 power when a USB device
detected on either TX1P/N or TX2P/N but
not both.
Either RX1 or RX2 termination enabled
both not both enabled; VCC supply stable;
VCC = 3.3 V
5
mW
P(DISCONNECT_SLP)
TUSB1002 power when no USB device
detected on either TX1P/N or TX2P/N and
SLP_S0# is low..
RX1 and RX2 termination disabled; VCC
supply stable; VCC = 3.3 V
0.850
mW
P(SHUTDOWN)
TUSB1002 power when EN is asserted
low.;
VCC supply stable; VCC = 3.3 V, EN = 0
0.6
mW
6.6 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
4-Level Inputs (MODE, CFG1, CFG2,CH1_EQ1, CH1_EQ2, CH2_EQ1, CH2_EQ2 )
IIH
High level input current
VCC = 3.6 V; VIN = 3.6 V
20
80
μA
IIL
Low level input current
VCC = 3.6 V; VIN = 0 V
–160
–40
μA
VTH
Threshold 0 / R
VCC = 3.3 V
0.55
V
Threshold R/ Float
1.65
V
Threshold Float / 1
2.8
V
RPU
Internal pull-up resistance
45
kΩ
RPD
Internal pull-down resistance
95
kΩ
EN, SLP_S0# Input
VIH
High level input voltage
VCC = 3. V
1.7
VCC
V
VIL
Low level input voltage
VCC = 3.3 V
0
0.7
V
IIH
High level input current
VCC = 3.6 V, EN = 3.6 V
–10
10
µA
IIL
Low level input current
VCC = 3.6 V, EN = 0 V
–15
15
µA
R(EN-PU)
Internal pull-up resistance for EN and
SLP_S0#.
400
kΩ
USB3.1 RECEIVER INTERFACE (RX1P/N AND RX2P/N)
RL(RX-DIFF)
RX Differential return loss
SDD11 10 MHz at 90
Ω
–19
dB
SDD11 2 GHz at 90
Ω
–14
dB
SDD11 5 – 10 GHz at 90
Ω
–7
dB
RL(RX-CM)
RX Common mode return loss
0.5 – 5 GHz at 90
Ω
–10
dB
EQ(GAIN-10Gbps)
Equalization Gain
50 mVpp At 5 GHz
15
dB
EQ(DC0)
DC Equalization Gain at 0dB setting.
500 mVpp VID at 100 MHz; 1200mV
Linear Range Setting; Refer to Table 3
-0.15
dB
EQ(DC1)
DC Equalization Gain at +1dB setting.
500 mVpp VID at 100 MHz; 1200mV
Linear Range Setting;
0.80
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com