Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP_SERIES Datasheet(PDF) 3 Page - Copal Electronics

Part # LP_SERIES
Description  Illuminated Pushbutton Switches
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

LP_SERIES Datasheet(HTML) 3 Page - Copal Electronics

  LP_SERIES Datasheet HTML 1Page - Copal Electronics LP_SERIES Datasheet HTML 2Page - Copal Electronics LP_SERIES Datasheet HTML 3Page - Copal Electronics LP_SERIES Datasheet HTML 4Page - Copal Electronics LP_SERIES Datasheet HTML 5Page - Copal Electronics LP_SERIES Datasheet HTML 6Page - Copal Electronics LP_SERIES Datasheet HTML 7Page - Copal Electronics LP_SERIES Datasheet HTML 8Page - Copal Electronics LP_SERIES Datasheet HTML 9Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
LP
■Part Numbering
LP 1 S
− 2
6
S
− 2 − 2
9
− Z
2. Illuminated
Series code
Silver
Contact material
Gold
Code
Box & Terminal style
Without Flange & PC Terminal
With Flange & Solder Lug
1
2
Code
ON -
(ON)
ON - ON
Circuit Function
Code
6
7
S
G
12
×12
12
×15.6
Cap size
Code
S
W
White clear
Filter
Combination
LED color
Red
Green
Yellow
Red clear
Clear
Green clear
Clear
Yellow clear
Clear
Cap color
Red clear
Green clear
Yellow clear
Code
9
2
5
8
22
20
55
50
88
80
2
2
5
5
8
8
2
0
5
0
8
0
Poles
1 pole
2 poles
Code
1
2
LP
1
S
L
2
Z
3. Indicator
Series code
Code
Box & Terminal style
Without Flange & PC Terminal
With Flange & Solder Lug
1
2
Code
12
×12
12
×15.6
Cap size
Code
S
W
LED color
Red
Green
Yellow
Red clear
Green clear
Yellow clear
Cap color
White color
Filter Color
L2
L5
L8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com